Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA596DBVR.A Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA596DBVR.A
Description  OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA596DBVR.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA596DBVR.A Datasheet HTML 17Page - Texas Instruments OPA596DBVR.A Datasheet HTML 18Page - Texas Instruments OPA596DBVR.A Datasheet HTML 19Page - Texas Instruments OPA596DBVR.A Datasheet HTML 20Page - Texas Instruments OPA596DBVR.A Datasheet HTML 21Page - Texas Instruments OPA596DBVR.A Datasheet HTML 22Page - Texas Instruments OPA596DBVR.A Datasheet HTML 23Page - Texas Instruments OPA596DBVR.A Datasheet HTML 24Page - Texas Instruments OPA596DBVR.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
7.2.2 DAC Output Gain and Buffer
+
–
DAC
255k
34k
VREF = 5V
42.5V
62pF
42.5V
29.8k
VOUT
OPA596
7.2.2.1 Design Requirements
The OPAx596 is designed for use as an output driver stage with gain and provides a wide, bipolar supply
voltage. Combined with the small size of the SOT23-5 package and the low power consumption, these
features make this device a great choice for high-channel density systems, such as semiconductor test and
manufacturing platforms where many channels are present. In this design example, the OPAx596 is configured
for a gain of approximately 17V/V.
Table 7-2. Design Parameters
PARAMETER
VALUE
Supply voltage
−42.5V to +42.5V
Input voltage
0V to 5V
Output voltage
−42.5V to +42.5V
Gain
17V/V
7.2.2.2 Detailed Design Procedure
In this design example, the OPAx596 is configured as both a gain stage and output driver. The input signal to the
amplifier is 0V to 5V, and the device is configured with a noninverting gain of 17V/V. The DAC reference voltage
of 5V is used as a reference to enable a bipolar output swing. This configuration results in an output voltage of
about −42.5V to +42.5V. This design example is common in many systems that use a DAC to provide the input
signal and require a wide output signal with low output current requirements. The OPAx596 can swing to either
rail while remaining within the thermally specified limits. Such systems include test and measurement platforms
and power supplies.
www.ti.com
OPA596, OPA2596
SBOSA42C – JUNE 2024 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA596 OPA2596



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com