Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP40NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP40NF03L
Description  N-channel 30V - 0.018Ω - 40A - TO-220 STripFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP40NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STP40NF03L Datasheet HTML 1Page - STMicroelectronics STP40NF03L Datasheet HTML 2Page - STMicroelectronics STP40NF03L Datasheet HTML 3Page - STMicroelectronics STP40NF03L Datasheet HTML 4Page - STMicroelectronics STP40NF03L Datasheet HTML 5Page - STMicroelectronics STP40NF03L Datasheet HTML 6Page - STMicroelectronics STP40NF03L Datasheet HTML 7Page - STMicroelectronics STP40NF03L Datasheet HTML 8Page - STMicroelectronics STP40NF03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
February 2007
Rev 4
1/12
12
STP40NF03L
N-channel 30V - 0.018
Ω - 40A - TO-220
STripFET™ Power MOSFET
General features
■ Low threshold device
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "Single Feature
Size™" strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STP40NF03L
30V
<0.022
Ω
40A
1
2
3
TO-220
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP40NF03L
P40NF03L
TO-220
Tube


Similar Part No. - STP40NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
Oct-1999
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
433Kb / 14P
N-channel 30 V, 0.018, 40 A TO-220, TO-220FP STripFET Power MOSFET
22-Feb-2010
logo
Inchange Semiconductor ...
STP40NF03L ISC-STP40NF03L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP40NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3020L STMICROELECTRONICS-STB3020L Datasheet
85Kb / 8P
N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET
Mar-1999
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
Oct-1999
STD40NE03L STMICROELECTRONICS-STD40NE03L Datasheet
86Kb / 8P
N - CHANNEL 30V - 0.012 ohm - 40A TO-252 STripFET POWER MOSFET
Sep-1999
STP22NF03L STMICROELECTRONICS-STP22NF03L Datasheet
239Kb / 8P
N-CHANNEL 30V - 0.038ohm - 22A TO-220 STripFET™ POWER MOSFET
Aug-2000
STP3020L STMICROELECTRONICS-STP3020L Datasheet
83Kb / 8P
N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET
Mar-1999
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
Oct-1999
STP60NF03L STMICROELECTRONICS-STP60NF03L Datasheet
46Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 60A TO-220 STripFET POWER MOSFET
Sep-1999
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04 Datasheet
49Kb / 6P
N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
Nov-1999
STP60NH2LL STMICROELECTRONICS-STP60NH2LL Datasheet
293Kb / 14P
N-channel 24V - 0.010ohm - 40A TO-220 STripFET Power MOSFET
31-Jan-2007
STP60NF03L STMICROELECTRONICS-STP60NF03L_06 Datasheet
257Kb / 12P
N-channel 30V - 0.008Ω - 60A TO-220 STripFET™Power MOSFET
09-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com