Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1805 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SSD1805
Description  132 x 68 STN LCD Segment / Common Monochrome Driver with Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1805 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SSD1805 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1805 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
SSD1805 Series
Rev 1.1
P 39/52
Jun 2004
Solomon Systech
12 AC CHARACTERISTICS
Table 15 - AC Characteristics (Unless otherwise specified, Voltage Referenced to VSS, VDD =2.7V, TA = -30
to 85
°C)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Fosc
Oscillation Frequency of Display
Timing Generator
Internal Oscillator Enabled (default),
VDD = 2.7V
Remark:
Oscillation Frequency vs.
Temperature change (-20°C to
70°C): -0.05%/°C *
4.4
4.9
5.4
kHz
FFRM
Frame Frequency
132 x 68 Graphic Display Mode,
Display ON, Internal Oscillator
Enabled
132 x 68 Graphic Display Mode,
Display ON, Internal Oscillator
Disabled, External clock with freq.,
Fext, feeding to CL pin.
72
653k
Hz
Hz
Remarks:
Fext stands for the frequency value of external clock feeding to the CL pin.
Fosc stands for the frequency value of internal oscillator.
Frequency limits are based on the software command set: set multiplex ratio to 68 MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com