Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USX2064 Datasheet(PDF) 39 Page - Microchip Technology

Part # USX2064
Description  USB 2.0 Hi-Speed 4-Port Hub Controller with Battery Charging
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USX2064 Datasheet(HTML) 39 Page - Microchip Technology

Back Button USX2064 Datasheet HTML 35Page - Microchip Technology USX2064 Datasheet HTML 36Page - Microchip Technology USX2064 Datasheet HTML 37Page - Microchip Technology USX2064 Datasheet HTML 38Page - Microchip Technology USX2064 Datasheet HTML 39Page - Microchip Technology USX2064 Datasheet HTML 40Page - Microchip Technology USX2064 Datasheet HTML 41Page - Microchip Technology USX2064 Datasheet HTML 42Page - Microchip Technology USX2064 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
2023 Microchip Technology Inc. and its subsidiaries
DS00001986E-page 39
USX2064
Note 6-3
Output leakage is measured with the current pins in high impedance.
Note 6-4
See USB 2.0 Specification [1] for USB DC electrical characteristics.
Note 6-5
Capacitance TA = 25°C; fc = 1 MHz; VDD33 = 3.3 V
O12, I/O12 & I/OSD12 Type
Buffer
Low Output Level
VOL
0.4
V
IOL = 12 mA @
VDD33 = 3.3 V
High Output Level
VOH
2.4
V
IOH = -12 mA @
VDD33 = 3.3 V
Output Leakage
IOL
-10
+10
A
Hysteresis (SD pad only)
IHYSC
250
350
mV
VIN = VDD33
(See Note:)
IO-U
SUPPLY CURRENT
UNCONFIGURED
Hi-Speed Host
ICCINTHS
45
50
mA
Full-Speed Host
ICCINITFS
35
40
mA
SUPPLY CURRENT
CONFIGURED
1 Port HS
IHCH1
70
80
mA
Base current of 1
downstream port
Each additional port in HS
base
+25 mA
base
+25 mA
1 Port FS
IFCC1
50
60
mA
Base current of 1
downstream port
Each additional port in FS
base
+8 mA
base
+8 mA
Supply current suspend
ICSBY
550
1200
A
All supplies
combined
Supply current reset
ICRST
750
1400
A
All supplies
combined
TABLE 6-2:
PIN CAPACITANCE
Limits
Parameter
Symbol
MIN
TYP
MAX
Unit
Test Condition
Clock Input Capacitance
CXTAL
6
pF
All pins except USB pins and the pins
under the test tied to AC ground
Input Capacitance
CIN
6
pF
(Note 6-5)
Output Capacitance
COUT
6
pF
TABLE 6-1:
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com