Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2CC910SI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2CC910SI
Description  1:10 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910SI Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY2CC910SI Datasheet HTML 1Page - Cypress Semiconductor CY2CC910SI Datasheet HTML 2Page - Cypress Semiconductor CY2CC910SI Datasheet HTML 3Page - Cypress Semiconductor CY2CC910SI Datasheet HTML 4Page - Cypress Semiconductor CY2CC910SI Datasheet HTML 5Page - Cypress Semiconductor CY2CC910SI Datasheet HTML 6Page - Cypress Semiconductor CY2CC910SI Datasheet HTML 7Page - Cypress Semiconductor CY2CC910SI Datasheet HTML 8Page - Cypress Semiconductor CY2CC910SI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
COMLINK™ SERIES
CY2CC910
Document #: 38-07348 Rev. *B
Page 9 of 9
Document History Page
Document Title: CY2CC910 COMLINKTM SERIES 1:10 Clock Fanout Buffer
Document #: 38-07348
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
114318
05/10/02
TSM
New Data Sheet
*A
119148
10/07/02
RGL
Added 5.8 as the Max. value for VIH in the DC Electrical Characteristics
@3.3V table.
Changed the Max. value of VIH from 5.8 to 5.0 in the DC Electrical Charac-
teristics @2.5V table.
Changed the value of VIH from VDD+0.3 [2.25] to 4.3 in the DC Electrical
Characteristics @1.8V table.
*B
404287
See ECN
RGL
Added Lead-free devices for SSOP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com