Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP314 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2DP314
Description  1:4 Differential Clock/Data Fanout Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP314 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2DP314_05 Datasheet HTML 2Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 3Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 4Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 5Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 6Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 7Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 8Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 9Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY2DP314
Document #: 38-07550 Rev.*G
Page 7 of 10
Applications Information
Termination Examples
VTT
Z o = 50 ohm
VTT
5"
5"
C Y 2D P 314
R T = 50 ohm
R T = 50 ohm
VC C
VE E
Figure 7. Standard LVPECL – PECL Output Termination
VTT
Z o = 50 oh m
VTT
5"
5"
C Y 2D P 3 14
R T = 50 oh m
R T = 50 oh m
VC C
VE E
VB B ( 3 . 3 V)
Figure 8. Driving a PECL/ECL Single-ended Input
3. 3V
Z o = 50 oh m
3. 3V
5"
5"
CY 2 D P 3 1 4
120 oh m
12 0 o h m
VC C = 3 . 3 V
VE E = 0 V
LV D S
51 o h m
( 2 pl a c es )
33 o h m
( 2 p l ac es )
L VPEC L t o
LV D S
Figure 9. Low-voltage Positive Emitter-coupled Logic (LVPECL) to a Low-voltage
Differential Signaling (LVDS) Interface



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com