Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYI9531ZXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYI9531ZXC
Description  PCIX I/O System Clock Generator with EMI Control Features
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYI9531ZXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYI9531ZXC Datasheet HTML 2Page - Cypress Semiconductor CYI9531ZXC Datasheet HTML 3Page - Cypress Semiconductor CYI9531ZXC Datasheet HTML 4Page - Cypress Semiconductor CYI9531ZXC Datasheet HTML 5Page - Cypress Semiconductor CYI9531ZXC Datasheet HTML 6Page - Cypress Semiconductor CYI9531ZXC Datasheet HTML 7Page - Cypress Semiconductor CYI9531ZXC Datasheet HTML 8Page - Cypress Semiconductor CYI9531ZXC Datasheet HTML 9Page - Cypress Semiconductor CYI9531ZXC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
C9531
Document #: 38-07034 Rev. *E
Page 9 of 10
© Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Package Drawing and Dimension
All product and company names mentioned in this document may be the trademarks of their respective holders.
28-lead (5.3 mm) Shrunk Small Outline Package O28
51-85079-*C
PIN 1 ID
SEATING
PLANE
BSC.
BSC
0°-8°
PLANE
GAUGE
1
28
9.60[0.378]
1.10[0.043] MAX.
0.65[0.025]
0.20[0.008]
0.05[0.002]
6.50[0.256]
0.076[0.003]
6.25[0.246]
4.50[0.177]
4.30[0.169]
9.80[0.386]
0.15[0.006]
0.19[0.007]
0.30[0.012]
0.09[[0.003]
0.25[0.010]
0.70[0.027]
0.50[0.020]
0.95[0.037]
0.85[0.033]
DIMENSIONS IN MM[INCHES] MIN.
MAX.
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.16 gms
PART #
Z28.173 STANDARD PKG.
ZZ28.173 LEAD FREE PKG.
28-Lead Thin Shrunk Small Outline Package (4.40-mm Body) Z28.173
51-85120-*A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com