Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP814ZXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2DP814ZXIT
Description  ComLink??Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP814ZXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2DP814ZXIT Datasheet HTML 1Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 2Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 3Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 4Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 5Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 6Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 7Page - Cypress Semiconductor CY2DP814ZXIT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ComLink™ Series
CY2DP814
Document #: 38-07060 Rev. *D
Page 5 of 8
Notes:
3. RL = 50 ohm
± 1%; Zline = 50 ohm 6 = Ó.
4. CL includes instrumentation and fixture capacitance within 6 mm of the UT.
5. TPA and B are used for prop delay and rise/fall measurements. TPC is used for VOC measurements only and otherwise connected to VDD – 2.
6. When measuring Tr/Tf, tpd, VOD point TPC is held at VDD – 2.0V.
7. LVCMOS/LVTTL single-ended input value. Ground either input: when on the B side, non-inversion takes place. If A side is grounded, the signal becomes the
complement of the input on B side. See Table 3.
Table 10.High-frequency Parametrics
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Fmax
Maximum Frequency
VDD = 3.3V
50% Duty Cycle tW(50–50)
Standard Load Circuit
450
MHz
Fmax(20)
Maximum Frequency
VDD = 3.3V
20% Duty Cycle tW(20–80)
LVPECL Input
Vin = VIH(Max.)/VIL(Min.)
Vout = VOH(Min.)/VOL (Max.) (Limit)
175
MHz
TW
Minimum Pulse
VDD = 3.3V
LVPECL Input
Vin = VIH(Max.)/VIL(Min.) F = 100 MHz
Vout = VOH(Min.)/VOL(Max.).(Limit)
900
ps
Q
Q
VDD
VDD - 2V
Device concept
User Defined
VTT & RTT
Figure 1. Differential PECL Output
80%
20 %
0 V D iffe re n tia l
V0 Y -
V0 Z
t
R
t
F
1.4 V
1.0 V
1.4 V
1.0 V
0V D if f e rentia l
0V D if f e rentia l
1.2 V C M
1.2 V C M
V1A
V1B
V0Y
V0Z
T PL H
T PH L
En1
En2
TP A
TP C
TP B
50
50
GN D
15 0
15 0
S tandard Term in atio n
Pu lse
G enera tor
A
B
10pF
V DD-2V
Figure 2. Differential Receiver to Driver Propagation Delay and Driver Transition Time[3, 4, 5, 6, 7]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com