Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2CC910OXCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2CC910OXCT
Description  1:10 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910OXCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2CC910OXCT Datasheet HTML 1Page - Cypress Semiconductor CY2CC910OXCT Datasheet HTML 2Page - Cypress Semiconductor CY2CC910OXCT Datasheet HTML 3Page - Cypress Semiconductor CY2CC910OXCT Datasheet HTML 4Page - Cypress Semiconductor CY2CC910OXCT Datasheet HTML 5Page - Cypress Semiconductor CY2CC910OXCT Datasheet HTML 6Page - Cypress Semiconductor CY2CC910OXCT Datasheet HTML 7Page - Cypress Semiconductor CY2CC910OXCT Datasheet HTML 8Page - Cypress Semiconductor CY2CC910OXCT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
COMLINK™ SERIES
CY2CC910
Document #: 38-07348 Rev. *B
Page 2 of 9
Maximum Ratings[1]
Storage Temperature: ................................. –65
°C to +150°C
Ambient Temperature:................................... –40
°C to +85°C
Supply Voltage to Ground Potential
VCC .................................................................. –0.5V to 4.6V
Input ................................................................. –0.5V to 5.8V
Supply Voltage to Ground Potential
(Outputs only) ........................................... –0.5V to VDD + 1V
DC Output Voltage.................................... –0.5V to VDD + 1V
Power Dissipation........................................................ 0.75W
Variable Output Impedance Control (VOI™)
Note:
1. Stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. This is intended to be a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect reliability.
Pin Description
Pin Number
Pin Name
Description
1
IN
Input
2,6,10,13,17
GND
Ground
4,8,15,20
VDD
Power Supply
3,5,7,9,11,12,14,16,18,19
Q1,Q2,Q3,Q4,Q5,Q6,Q7,Q8,Q9,Q10
Output
Pull Down
0
0.5
1
1.5
2
2.5
3
3.5
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
Iol (A)
Vdd = 3.3 V
Vdd = 2.5 V
Vdd = 1.8 V
Pull Up
0
0.5
1
1.5
2
2.5
3
3.5
-0.18
-0.16
-0.14
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0
Ioh ( A)
Vdd = 3.3 V
Vdd = 2.5 V
Vdd = 1.8 V
Figure 1. Output Voltage vs. Output Current (TA = 25°C)
DC Electrical Characteristics @ 3.3V (see Figure 2)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VOH
Output High Voltage
VDD = Min., VIN = VIH or VIL IOH = –12 mA
2.3
3.3
V
VOL
Output Low Voltage
VDD = Min., VIN = VIH or VIL IOL = 12 mA
0.2
0.5
V
VIH
Input High Voltage
Guaranteed Logic High
Level
25.8
V
VIL
Input Low Voltage
Guaranteed Logic Low Level
0.8
V
IIH
Input High Current
VDD = Max.
VIN = 2.7V
1
µA
IIL
Input Low Current
VDD = Max.
VIN = 0.5V
–1
µA
II
Input High Current
VDD = Max., VIN = VDD(Max.)
20
µA
VIK
Clamp Diode Voltage
VDD = Min., IIN = –18 mA
–0.7
–1.2
V
IOK
Continuous Clamp Current
VDD = Max., VOUT = GND
–50
mA
OOFF
Power-down Disable
VDD = GND, VOUT = < 4.5V
100
µA
VH
Input Hysteresis
80
mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com