Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMV1500M Datasheet(PDF) 5 Page - STMicroelectronics

Part # DMV1500M
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500M Datasheet(HTML) 5 Page - STMicroelectronics

  DMV1500M Datasheet HTML 1Page - STMicroelectronics DMV1500M Datasheet HTML 2Page - STMicroelectronics DMV1500M Datasheet HTML 3Page - STMicroelectronics DMV1500M Datasheet HTML 4Page - STMicroelectronics DMV1500M Datasheet HTML 5Page - STMicroelectronics DMV1500M Datasheet HTML 6Page - STMicroelectronics DMV1500M Datasheet HTML 7Page - STMicroelectronics DMV1500M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DMV1500M
5/8
Figure 11: Peak reverse recovery current
versus dIF/dt (modulation diode)
Figure 12: Transient peak forward voltage
versus dIF/dt (damper diode)
Figure 13: Transient peak forward voltage
versus dIF/dt (modulation diode)
Figure 14: Forward recovery time versus dIF/dt
(damper diode)
Figure 15: Forward recovery time versus dIF/dt
(modulation diode)
Figure 16: Relative variation of dynamic
parameters versus junction temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
1
10
100
1000
I
(A)
RM
dI /dt(A/µs)
F
I=
T =125°C
90% confidence
F
j
IP
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
120
140
V
(V)
FP
dI /dt(A/µs)
F
I=
T =125°C
90% confidence
F
j
IP
0
1
2
3
4
5
6
7
8
9
10
11
12
0
20
40
60
80
100
120
140
160
180
200
V
(V)
FP
dI /dt(A/µs)
F
I=
T =125°C
90% confidence
F
j
IP
400
450
500
550
600
650
700
750
800
0
20
40
60
80
100
120
140
t (ns)
fr
I=
T =125°C
V
90% confidence
F
j
I
=3V
P
FR
dI /dt(A/µs)
F
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
140
160
180
200
t (ns)
fr
I=
T =125°C
V
90% confidence
F
j
I
=2V
P
FR
dI /dt(A/µs)
F
0.0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
QRR
T (°C)
j
VFP
IRM
I, V
, Q
[T ]/
RM
FP
RR
j
I
, V
, Q
[T =125°C]
RM
FP
RR
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com