Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

890404123003CS Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 890404123003CS
Description  WCAP-FTY2 Y2/X1 Film Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

890404123003CS Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  890404123003CS Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 890404123003CS Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Marking:
1st Line right
Matchcode: FTY2
2nd Line right
Safety Class & Rated Voltage: Y2, 300V~
3rd Line right
Safety Class & Rated Voltage: X1, 330V~
4th Line right
Climate Category: 40/ 110/ 56/ B
2nd Line left
Capacitance & Tolerance Code: 222K (Basis pF)
Bottom Line
Certificates & Date Code: ENEC, Date Code ( YWW ), cULus, CQC
Mechanical Properties:
Properties
Test Conditions
Lead Diameter(d) [ mm ] Force [ N ]
condition
Termination Robustness
IEC 60068 - 2 - 21 Pull Test
0.5 < d ≤ 0.8
10
min. 10 sec.
0.8 < d ≤ 1.25
20
min. 10 sec.
Bend Test
0.5 < d ≤ 0.8
5
min. 2 cycles
0.8 < d ≤ 1.25
10
min. 2 cycles
Test Items and Standards:
Properties
Standard
Active flammability
IEC 60384-14
Rated AC voltage and 20 impulses @ 5 kV, one
impulse every 5 seconds
Passive flammability
IEC 60384-14
In combination with IEC 60384 - 1 & IEC
60695 - 11 - 5, category B
Vibration
IEC 60068 - 2 - 6
All 3 directions, 2 hours each @ 10 - 55 - 10
Hz, amplitude 0.75 mm or 10 g
Damp heat, steady state
IEC 60068 - 2 - 78
40°C, 93% RH, 56 days
Rapid change of temperature
IEC 60068 - 2 - 14
5 cycles, upper and lower temperature 30
minutes each, 3 minutes max. transfer time
Impulse voltage
IEC 60384 - 14
When CN ≤ 1.0 μF, VP = 5 kV.
When CN > 1.0 μF, VP = 5 / ( CN / 10-6 F ) 0.5
kV.
One impulse every 10 seconds. 24 impulses
maximum
Test Items and Standards:
Properties
Standard
Endurance
IEC 60384 - 14
1.7 x 300 V (AC) through a 47 Ω ± 5 %
Resistor, once every hour increase to 1000
Vrms for 0.1 seconds, 1000 hours @ 110 °C
Certification:
RoHS Approval
Compliant [2011/65/EU&2015/863]
REACh Approval
Conform or declared [(EC)1907/2006]
ENEC 10 Approval
40050371 [IEC 60384-14]
cULus Approval
E345659 [UL 60384-14 & CSA E60384-1 & CSA E60384-14]
CQC Approval
Approved
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
FPu
001.000
2024-11-13
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WCAP-FTY2 Y2/X1 Film
Capacitors
MY2P010222K300ACPB45004
ORDER CODE
890404123003CS
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
Pitch 10 mm
eiCap
Valid
2/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation, transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com