Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2653 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2653
Description  1.5A High Efficiency Synchronous Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2653 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2653_05 Datasheet HTML 2Page - National Semiconductor (TI) LM2653_05 Datasheet HTML 3Page - National Semiconductor (TI) LM2653_05 Datasheet HTML 4Page - National Semiconductor (TI) LM2653_05 Datasheet HTML 5Page - National Semiconductor (TI) LM2653_05 Datasheet HTML 6Page - National Semiconductor (TI) LM2653_05 Datasheet HTML 7Page - National Semiconductor (TI) LM2653_05 Datasheet HTML 8Page - National Semiconductor (TI) LM2653_05 Datasheet HTML 9Page - National Semiconductor (TI) LM2653_05 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Connection Diagram
16-Lead TSSOP (MTC)
10104914
Top View
Order Number LM2653MTC-ADJ
See NS Package Number MTC16
Pin Description
Pin
Name
Function
1-2
SW
Switched-node connection, which is connected with the source of the internal high-side
MOSFET.
3-5
V
IN
Main power supply input pin. Connected to the drain of the high-side MOSFET.
6V
CB
Bootstrap capacitor connection for high-side gate drive.
7AV
IN
Input voltage for control and driver circuits.
8
SD(SS)
Shutdown and Soft-start control pin. Pulling this pin below 0.3V shuts off the regulator. A
capacitor connected from this pin to ground provides a control ramp of the input current.
Do not drive this pin with an external source or erroneous operation may result.
9
FB
Output voltage feedback input. Connected to the output voltage.
10
COMP
Compensation network connection. Connected to the output of the voltage error amplifier.
11
PGOOD
A constant monitor on the output voltage. PGOOD will go low if the output voltage
exceeds 110% or goes below 80% of its nominal.
12
LDELAY
A capacitor between this pin to ground sets the delay from the output voltage reaches
80% of its nominal to when the undervoltage latch protection is enabled and PGOOD pin
goes low.
13
AGND
Low-noise analog ground.
14-16
PGND
Power ground.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com