Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20135SP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R2A20135SP
Description  LED Lighting Power Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20135SP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R2A20135SP Datasheet HTML 1Page - Renesas Technology Corp R2A20135SP Datasheet HTML 2Page - Renesas Technology Corp R2A20135SP Datasheet HTML 3Page - Renesas Technology Corp R2A20135SP Datasheet HTML 4Page - Renesas Technology Corp R2A20135SP Datasheet HTML 5Page - Renesas Technology Corp R2A20135SP Datasheet HTML 6Page - Renesas Technology Corp R2A20135SP Datasheet HTML 7Page - Renesas Technology Corp R2A20135SP Datasheet HTML 8Page - Renesas Technology Corp R2A20135SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
R2A20135SP
Preliminary
R03DS0061EJ0301 Rev.3.01
Page 2 of 11
Jan 08, 2016
Pin Arrangement
(Top view)
FB
1
COMP
2
RT
3
FB+
VCC
OUT
GND
PWM
4
8
7
6
5
Pin Function
Pin No.
Pin Name
Input/Output
Function
1
FB
Input
Error amplifier input pin
2
COMP
Output
Error amplifier output pin
3
RT
Input/Output
A resistor connection pin for RAMP current setting
4
FB+
Input/Output
A conductor connection pin for PWM voltage stability and DC dimming
5
PWM
Input
Input PWM signal
6
GND
—
Ground
7
OUT
Output
Power MOSFET drive pin
8
VCC
Input
Supply voltage pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com