Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9444VB Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9444VB
Description  ONE CHIP CAR ALTERNATOR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9444VB Datasheet(HTML) 3 Page - STMicroelectronics

  L9444VB Datasheet HTML 1Page - STMicroelectronics L9444VB Datasheet HTML 2Page - STMicroelectronics L9444VB Datasheet HTML 3Page - STMicroelectronics L9444VB Datasheet HTML 4Page - STMicroelectronics L9444VB Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (– 40
°C ≤ TJ≤ 125 °C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vr
Regulation Voltage
Tj = –40
°C
for L9444VB
for L9448VB
for L9480VB
14.49
14.36
14.75
14.79
14.66
15.05
15.05
14.96
15.35
V
V
V
Tj =25
°C
14.10
14.40
14.70
V
Tj = 125
°C
for L9444VB
for L9448VB
for L9480VB
13.50
13.70
13.10
13.80
14.00
13.40
14.10
14.30
13.70
V
V
V
CT
Temperature Coeff. of the
Regulation Voltage
for L9444VB
for L9448VB
for L9480VB
-6
-4
-10
mV/
°C
mV/
°C
mV/
°C
eCT
Error on Nominal Temperature
Coeff.
± 30
%
Vr
Load Regualtion
0.1 In <Ialt < 0.9 In
(note 1)
250
mV
Vsu
Control Circuit Minimum Start
up Voltage
Measured at Supply Pin
2
3
V
Vsd
Shutdown Voltage (dump
protection threshold)
22
V
Vsat 1
Output Saturation Voltage
Ifield =4 Ap
1.2
2
V
Vsat 2
Start Up Saturation Voltage
Ifield = 200 mA
0.7
1
V
Iq
Quiescent Current
Field Off
20
mA
Is
Supply Current
Ifield =4 Ap
50
mA
Ifs
Field Pin Sink Current
Field Off
Field Pin @ 16 V
5mA
V1 CLAMP
Low Energy Clamping Zener
Voltage
Iclamp = 50 mA
120
V
fsw
Switching Frequency
01 In <Ialt < 0.9 In
30
1000
Hz
Note1: measured on an alternator with the following characteristics: In =<90A; Ialt/Ifield >= 23
APPLICATION CIRCUIT
L9444VB - L9448VB - L9480VB
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com