Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9484 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9484
Description  CAR ALTERNATOR VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9484 Datasheet(HTML) 2 Page - STMicroelectronics

  L9484 Datasheet HTML 1Page - STMicroelectronics L9484 Datasheet HTML 2Page - STMicroelectronics L9484 Datasheet HTML 3Page - STMicroelectronics L9484 Datasheet HTML 4Page - STMicroelectronics L9484 Datasheet HTML 5Page - STMicroelectronics L9484 Datasheet HTML 6Page - STMicroelectronics L9484 Datasheet HTML 7Page - STMicroelectronics L9484 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
L9484
2/8
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
Notes: 1. The Field Drive capability shall not decrease as a function of temperature between 25°C and 150°C, at a rate faster than -0.024A/
Pin
Description
1VGO
Generator Output – Voltage Sense and Power Supply to ASVR
2
F+
Field Driver - High Side Drive Output
3
G
Ground for ASVR (Must be connected for Ground for ASVR)
4
TS
Thermistor Sense Terminal
5
Gnd
Internally connected to the Tab or Slug in MW-8. Shall not be used for ASVR Ground, nor
voltage applied to Pin 5 to cause
≥ 50mV Pin 5 to Pin 3. May be unconnected or externally
connected to Pin 3.
6
DF
Inverted Field Monitor Output
7
L
Lamp - Low Side Driver; Relay - High Side Driver
8
P
Phase Sense Input
Symbol
Parameter
Value
Unit
Output Current Capability
INTERNALLY LIMITED
A
Power Dissipation
6
W
Short Circuit Protected
All Terminal, to VGO and
Ground
Symbol
Parameter
Value
Unit
Tj
Junction Temperature
-40 to +150
°C
Tstg
Storage Temperature
-50 to +150
°C
Tsd
Thermal Shut-Down
175
± 15
°C
Rth j-case
Thermal Resistance Junction to Case
1.5
°C/W
1
2
3
4
5
6
7
D02AT502
8
P
L
DF
GND
TS
G
F+
VGO
Tab connected to pin 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com