Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP501 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIP501
Description  16 Channels of Isolated 16 bit A/D Conversion
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP501 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIP501 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek / Germany
Phone: +49-(0)4101-4058-0
Fax: +49-(0)4101-4058-19
e-mail: info@tews.com
www.tews.com
TEWS TECHNOLOGIES LLC
1 E. Liberty Street, Sixth Floor
Reno, Nevada 89504 / USA
Phone: +1 (775) 686 6077
Fax: +1 (775) 686 6024
e-mail: usasales@tews.com
www.tews.com
The Embedded I/O Company
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice
06/2002
IndustryPack is a registered trademark of SBS Technologies, Inc.
Application Information
The TIP501 is an IndustryPack
 compatible module
providing 16 single-ended or 8 differential channels of
isolated 16 bit A/D conversion. The data acquisition and
conversion time is up to 12µs without channel / gain
change and up to 14.5µs with channel / gain change.
The input multiplexer offers analog overvoltage protection
of up to 70Vpp. A programmable gain amplifier allows
gains of 1, 2, 5, 10 or 1, 2, 4, 8. The full-scale input range
is +/-10V for the TIP501-1x and 0-10V for the TIP501-2x.
The isolated ADC, programmable gain amplifier and
multiplexer are powered by an on board DC/DC converter.
An interrupt can be generated at end-of-conversion
supporting an 8 bit vector. Each TIP501 is factory
calibrated. The calibration information is stored in the
Identification-PROM unique to each IP.
For
First-Time-Buyers
the
engineering
documentation
TIP501-ED
is
recommended.
The
engineering
documentation includes TIP501-DOC, schematics and data
sheets.
Driver
support
(TIP501-SW-xx)
for
different
operating systems is available.
Technical Information
! Interface according to IndustryPack specification
! Identification-PROM supports auto-configuration
! Single Size IndustryPack
! 16 single-ended or 8 differential channels of isolated 16
bit A/D conversion
! ESD protected input multiplexer
! Programmable gain amplifier, gain 1, 2, 5, 10 or gain 1,
2, 4, 8
! 16 bit A/D converter with internal S/H and reference
! Full-scale input range +/- 10 V or 0-10V (gain = 1)
! Interrupt capability at end-of-conversion
! Factory calibrated, calibration information in
Identification-PROM unique to each IP
! Operating temperature –40°C to +85°C
ID-PROM
Control &
Interface
DC/DC
Converter
PGA
gain1,2,5,10
or
gain 1,2,4,8
16 bit A/D
Converter
with S/H
16 Channel
Input
Multiplexer
Order Information
TIP501-10
16 Single-Ended or 8 Differential Channels
of Isolated 16 bit Conversion, gain 1, 2, 5,
10, input range +/-10V
TIP501-11
16 Single-Ended or 8 Differential Channels
of Isolated 16 bit Conversion, gain 1, 2, 4,
8, input range +/-10V
TIP501-20
As TIP501-10 but input range 0-10V
TIP501-21
As TIP501-11 but input range 0-10V
TIP501-DOC
User Documentation
TIP501-ED
Engineering Documentation, includes
TIP501-DOC
TIP501-SW-12
OS-9 Software Support
TIP501-SW-32
pSOS Software Support
TIP501-SW-42
VxWorks Software Support
TIP501-SW-62
Windows NT 4.0 Software Support
TIP501-SW-72
LynxOS Software Support
TIP501-SW-82
LiNUX Software Support
TIP501-SW-92
QNX 4 Software Support
TIP501-SW-95
QNX 6 Software Support
TIP501 16 Channels of Isolated 16 bit A/D Conversion


Similar Part No. - TIP501

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TIP501 TEWS-TIP501 Datasheet
125Kb / 2P
16 Channels of Isolated 16 bit A/D Conversion
2017-08-24
TIP501-10R TEWS-TIP501-10R Datasheet
125Kb / 2P
16 Channels of Isolated 16 bit A/D Conversion
2017-08-24
TIP501-11R TEWS-TIP501-11R Datasheet
125Kb / 2P
16 Channels of Isolated 16 bit A/D Conversion
2017-08-24
TIP501-20R TEWS-TIP501-20R Datasheet
125Kb / 2P
16 Channels of Isolated 16 bit A/D Conversion
2017-08-24
TIP501-21R TEWS-TIP501-21R Datasheet
125Kb / 2P
16 Channels of Isolated 16 bit A/D Conversion
2017-08-24
More results

Similar Description - TIP501

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
16-bit A/D Converter
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
16-bit A/D Converter?
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
16 bit D/A CONVERTER
logo
List of Unclassifed Man...
MB87020 ETC-MB87020 Datasheet
996Kb / 31P
16-Bit A/D And D/A CONVERTER
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
logo
ADL Embedded Solutions
104-AIO16-16E ADL-104-AIO16-16E Datasheet
458Kb / 2P
16-bit, 16-channel A/D with 12-bit D/A
104-AIO16-16W ADL-104-AIO16-16W Datasheet
458Kb / 2P
16-bit, High-Speed, 16-channel A/D with 12-bit D/A
logo
National Instruments Co...
NI670X NI-NI670X Datasheet
349Kb / 4P
Software-Timed Analog Output-16-Bit, 16 or 32 Channels
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
16-Bit A/D Converter
Rev. E
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com