Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3503 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3503
Description  Dual-Display Constant Current LED Driver with Analog Brightness Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3503 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3503 Datasheet HTML 9Page - National Semiconductor (TI) LM3503 Datasheet HTML 10Page - National Semiconductor (TI) LM3503 Datasheet HTML 11Page - National Semiconductor (TI) LM3503 Datasheet HTML 12Page - National Semiconductor (TI) LM3503 Datasheet HTML 13Page - National Semiconductor (TI) LM3503 Datasheet HTML 14Page - National Semiconductor (TI) LM3503 Datasheet HTML 15Page - National Semiconductor (TI) LM3503 Datasheet HTML 16Page - National Semiconductor (TI) LM3503 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Typical Performance Characteristics (See Typical Application Circuit : L=DO1608C-223 and
D=B150-13. Efficiency:
η =P
OUT/PIN = [(VOUT –VFb )*IOUT]/[VIN *IIN]. TA = +25˚C, unless otherwise stated.) (Continued)
Feedback Voltage (V
Cntrl = 1.6V) vs Temp
V
IN = 3.6V at 15mA & 4 Leds
20128626
20128650
V
IN = 3.6V at 15mA & 2 Leds
Dimming Duty Cycle vs. LED Current
V
IN=3.6V, 2LEDs on Main & Sub Display
20128653
20128661
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com