Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9613B Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9613B
Description  DATA INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9613B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9613B Datasheet HTML 2Page - STMicroelectronics L9613B Datasheet HTML 3Page - STMicroelectronics L9613B Datasheet HTML 4Page - STMicroelectronics L9613B Datasheet HTML 5Page - STMicroelectronics L9613B Datasheet HTML 6Page - STMicroelectronics L9613B Datasheet HTML 7Page - STMicroelectronics L9613B Datasheet HTML 8Page - STMicroelectronics L9613B Datasheet HTML 9Page - STMicroelectronics L9613B Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
VS = 12V
50
10kHz
510
136
68
1.5nF
=
40dB
Pimax =5W
Rhode
& Schwartz
SMG
0.1 - 1000MHz
NAP
Probe
NAP - 73
RX
VS
K
U713
VS
TX
K
U713
∆≤± 10%
Signal comparison
Pi
EMS Performance (ISO 9141 BUS system)
Figure 7.
10000
5000
1000
100
1
10
100
1000
not incident power resistant
incident power resistant
Pi(mW)
f (MHz)
Figure 8.
ESD application hints
To improve the ESD robustness of this device
above specified
±2KV/HBM external blocking ca-
pacitors must be used. Nevertheless the max. en-
ergy which can be clamped by this device should
not exceeds 0.2mJ for each pin. An equivalent in-
put diagram for calculation can be seen in fig. 9.
ESD duscharge model
EESD
=
1
2
CHBM UESD
2
= 0.2mJ +
1
2
CEXT
⋅ (45V)2
100pF
1.5k
45V
45V
E
0.2mJ
HBM
C
R HBM
C ext
Figure 9.
L9613B
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com