Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1560GS Datasheet(PDF) 13 Page - Littelfuse

Part # CPC1560GS
Description  60V, 300mA, High Speed Normally Open Relay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1560GS Datasheet(HTML) 13 Page - Littelfuse

Back Button CPC1560GS Datasheet HTML 7Page - Littelfuse CPC1560GS Datasheet HTML 8Page - Littelfuse CPC1560GS Datasheet HTML 9Page - Littelfuse CPC1560GS Datasheet HTML 10Page - Littelfuse CPC1560GS Datasheet HTML 11Page - Littelfuse CPC1560GS Datasheet HTML 12Page - Littelfuse CPC1560GS Datasheet HTML 13Page - Littelfuse CPC1560GS Datasheet HTML 14Page - Littelfuse CPC1560GS Datasheet HTML 15Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1560
R04
www.ixysic.com
13
6
Manufacturing Information
6.1 Moisture Sensitivity
All plastic encapsulated semiconductor packages are susceptible to moisture ingression. IXYS Integrated
Circuits classifies its plastic encapsulated devices for moisture sensitivity according to the latest version of
the joint industry standard, IPC/JEDEC J-STD-020, in force at the time of product evaluation. We test all
of our products to the maximum conditions set forth in the standard, and guarantee proper operation of our
devices when handled according to the limitations and information in that standard as well as to any
limitations set forth in the information or standards referenced below.
Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced
product performance, reduction of operable life, and/or reduction of overall reliability.
This product carries a Moisture Sensitivity Level (MSL) classification as shown below, and should be handled
according to the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033.
6.2 ESD Sensitivity
This product is ESD Sensitive, and should be handled according to the industry standard JESD-625.
6.3 Soldering Profile
Provided in the table below is the IPC/JEDEC J-STD-020 Classification Temperature (TC) and the maximum dwell
time the body temperature of these surface mount devices may be (TC - 5)°C or greater. The Classification
Temperature sets the Maximum Body Temperature allowed for these devices during reflow soldering processes.
For through-hole devices, the maximum pin temperature and maximum dwell time through all solder waves is
provided in the table below. Dwell time is the interval beginning when the pins are initially immersed into the solder
wave until they exit the solder wave. For multiple waves, the dwell time is from entering the first wave until exiting
the last wave. During this time, pin temperatures must not exceed the maximum temperature given in the table
below. Body temperature of the device must not exceed the limit shown in the table below at any time during the
soldering process.
*Total cumulative duration of all waves.
6.4 Board Wash
IXYS Integrated Circuits recommends the use of no-clean flux formulations. Board washing to reduce or remove flux
residue following the solder reflow process is acceptable provided proper precautions are taken to prevent damage to
the device. These precautions include but are not limited to: using a low pressure wash and providing a follow up bake
cycle sufficient to remove any moisture trapped within the device due to the washing process. Due to the variability of
the wash parameters used to clean the board, determination of the bake temperature and duration necessary to
remove the moisture trapped within the package is the responsibility of the user (assembler). Cleaning or drying
methods that employ ultrasonic energy may damage the device and should not be used. Additionally, the device must
not be exposed to halide flux or solvents.
Device
Moisture Sensitivity Level (MSL) Classification
CPC1560G / CPC1560GS
MSL 1
Device
Classification Temperature (TC)
Dwell Time (tp)
Wave Cycles
CPC1560GS
250°C
30 seconds
3
Device
Maximum Pin Temperature
Maximum Body Temperature
Maximum Dwell Time
Wave Cycles
CPC1560G
260°C
250°C
10 seconds*
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com