Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1580P Datasheet(PDF) 4 Page - Littelfuse

Part # CPC1580P
Description  Optically Isolated Gate Drive Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1580P Datasheet(HTML) 4 Page - Littelfuse

  CPC1580P Datasheet HTML 1Page - Littelfuse CPC1580P Datasheet HTML 2Page - Littelfuse CPC1580P Datasheet HTML 3Page - Littelfuse CPC1580P Datasheet HTML 4Page - Littelfuse CPC1580P Datasheet HTML 5Page - Littelfuse CPC1580P Datasheet HTML 6Page - Littelfuse CPC1580P Datasheet HTML 7Page - Littelfuse CPC1580P Datasheet HTML 8Page - Littelfuse CPC1580P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1580
4
www.ixysic.com
R03
1.6 General Conditions
Unless otherwise specified, minimum and maximum values are guaranteed by production testing. Typical values are
characteristic of the device at 25°C, and are the result of engineering evaluations. They are provided for informational
purposes only, and are not part of the manufacturing testing requirements. Unless otherwise noted, all electrical
specifications are listed for TA=25°C.
1.7 Electrical Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Load Side Characteristics
Gate Voltage
IF=2.5mA
8.2
IF=5mA
7.5
8.7
12
IF=10mA
VGS
9.1
V
IF=2.5mA
4.2
-
14.4
-40°C<TA<110°C
Capacitor Voltage
10V<VDS<65V
VCAP
VDS-0.8
-
VDS-0.2
V
Gate Drive Capability
IF=2.5mA, VGS=0V, VCAP=15V
IG_source
23.6
7
IF=0mA, VGS=8V, VCAP=8V
0.35
0.47
mA
IF=0mA, VGS=4V, VCAP=4V
IG_sink
0.16
0.22
1
IF=0mA, VGS=2V, VCAP=2V
0.06
0.09
Turn-On Delay
VDS=48V, VGS=4V, CVG=4nF
IF=2.5mA
ton
48
140
s
IF=5mA
1
16
40
IF=10mA
7
20
Turn-Off Delay
VDS=48V, VGS=2V, CVG=4nF
IF=2.5mA
toff1
150
s
IF=5mA
40
175
400
IF=10mA
195
VDS=48V, VGS=1V, CVG=4nF
IF=2.5mA
toff2
240
IF=5mA
40
270
600
s
IF=10mA
290
Off-State Leakage Current
VDS=65V
IDS
--
1
A
LED Characteristics
Forward Voltage Drop
IF=5mA
VF
11.27
1.5
V
Input Dropout Current
VGS=1V
IF
0.2
0.7
1
mA
Reverse Bias Leakage Current
VR=5V
IR
--
10
A
Common Characteristics
Input to Output Capacitance
VIO=0V, f=1MHz
CIO
-3-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com