Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1593GS Datasheet(PDF) 7 Page - Littelfuse

Part # CPC1593GS
Description  600V, 120mA, Single-Pole, Normally Open Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1593GS Datasheet(HTML) 7 Page - Littelfuse

  CPC1593GS Datasheet HTML 1Page - Littelfuse CPC1593GS Datasheet HTML 2Page - Littelfuse CPC1593GS Datasheet HTML 3Page - Littelfuse CPC1593GS Datasheet HTML 4Page - Littelfuse CPC1593GS Datasheet HTML 5Page - Littelfuse CPC1593GS Datasheet HTML 6Page - Littelfuse CPC1593GS Datasheet HTML 7Page - Littelfuse CPC1593GS Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1593
www.ixysic.com
7
R03
MECHANICAL DIMENSIONS
CPC1593G
CPC1593GS
Dimensions
mm
(inches)
PCB Land Pattern
0.254±0.0127
(0.010±0.0005)
7.620±0.254
(0.300±0.010)
0.635±0.127
(0.025±0.005)
3.302±0.051
(0.130±0.002)
4.445±0.254
(0.175±0.010)
2.54
(0.10)
8.90
(0.3503)
1.65
(0.0649)
0.65
(0.0255)
8.382±0.381
(0.330±0.015)
2.54±0.127
(0.100±0.005)
9.524±0.508
(0.375±0.020)
6.350±0.127
(0.250±0.005)
0.457±0.076
(0.018±0.003)
1.651±0.254
(0.065±0.010)
1.651±0.254
(0.065±0.010)
Pin 1
1.524 TYP
(0.060 TYP)
Controlling dimension: inches
Dimensions
mm
(inches)
PCB Hole Pattern
2.540±0.127
(0.100±0.005)
7.620±0.127
(0.300±0.005)
5.080±0.127
(0.200±0.005)
6 - 0.800 DIA.
(6 - 0.031 DIA.)
0.254±0.0127
(0.010±0.0005)
9.144±0.508
(0.360±0.020)
7.239 TYP
(0.285 TYP)
7.620±0.254
(0.300±0.010)
3.302±0.051
(0.130±0.002)
4.064 TYP
(0.160 TYP)
0.457±0.076
(0.018±0.003)
8.382±0.381
(0.330±0.015)
2.54±0.127
(0.100±0.005)
6.350±0.127
(0.250±0.005)
1.651±0.254
(0.065±0.010)
Pin 1
1.524 TYP
(0.060 TYP)
Controlling dimension: inches



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com