Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1581810000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1581810000
Description  SL 5.00/05/180B 3.2SN OR BX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1581810000 Datasheet(HTML) 1 Page - Weidmuller

  1581810000 Datasheet HTML 1Page - Weidmuller 1581810000 Datasheet HTML 2Page - Weidmuller 1581810000 Datasheet HTML 3Page - Weidmuller 1581810000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet
SL 5.00/05/180B 3.2SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
Male connectors with straight outlet direction. The solder
pin length is optimised for wave flow soldering. The pin
headers provide space for labelling and can be coded.
General ordering data
 
Version
PCB plug-in connector, male header, Dovetails for
fixing blocks, THT solder connection, 5.00 mm,
Number of poles: 5, 180°, Solder pin length (l): 3.2
mm, tinned, orange, Box
Order No.
1581810000
Type
SL 5.00/05/180B 3.2SN OR BX
GTIN (EAN)
4008190007935
Qty.
50 items
Product data
IEC: 400 V / 18 A
UL: 300 V / 15 A
Packaging
Box
 
 
Creation date 03.01.2026 05:37:17 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1581810000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1581820000 WEIDMULLER-1581820000 Datasheet
347Kb / 4P
SL 5.00/06/180B 3.2SN OR BX
1581830000 WEIDMULLER-1581830000 Datasheet
295Kb / 4P
SL 5.00/07/180B 3.2SN OR BX
1581840000 WEIDMULLER-1581840000 Datasheet
349Kb / 5P
SL 5.00/08/180B 3.2SN OR BX
1581850000 WEIDMULLER-1581850000 Datasheet
292Kb / 4P
SL 5.00/09/180B 3.2SN OR BX
1581860000 WEIDMULLER-1581860000 Datasheet
347Kb / 5P
SL 5.00/10/180B 3.2SN OR BX
More results

Similar Description - 1581810000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1571140000 WEIDMULLER-1571140000 Datasheet
91Kb / 4P
SL 5.00/3/90 3.2SN OR
1581320000 WEIDMULLER-1581320000 Datasheet
93Kb / 4P
SL 5.00/2/180 3.2SN OR
1581330000 WEIDMULLER-1581330000 Datasheet
93Kb / 4P
SL 5.00/3/180 3.2SN OR
1597210000 WEIDMULLER-1597210000 Datasheet
92Kb / 4P
SL 3.5/2/90 3.2SN OR
1604770000 WEIDMULLER-1604770000 Datasheet
101Kb / 4P
SL 3.5/2/180 3.2SN OR
1625030000 WEIDMULLER-1625030000 Datasheet
93Kb / 3P
SL 7.62/2/180 3.2SN OR
1629020000 WEIDMULLER-1629020000 Datasheet
92Kb / 3P
SL 7.50/2/180 3.2SN OR
1630250000 WEIDMULLER-1630250000 Datasheet
87Kb / 4P
SL 5.00/2/135 3.2SN OR
1630260000 WEIDMULLER-1630260000 Datasheet
87Kb / 4P
SL 5.00/3/135 3.2SN OR
1630270000 WEIDMULLER-1630270000 Datasheet
87Kb / 4P
SL 5.00/4/135 3.2SN OR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com