Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7808CP Datasheet(PDF) 20 Page - STMicroelectronics

Part # L7808CP
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7808CP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L7808CP Datasheet HTML 16Page - STMicroelectronics L7808CP Datasheet HTML 17Page - STMicroelectronics L7808CP Datasheet HTML 18Page - STMicroelectronics L7808CP Datasheet HTML 19Page - STMicroelectronics L7808CP Datasheet HTML 20Page - STMicroelectronics L7808CP Datasheet HTML 21Page - STMicroelectronics L7808CP Datasheet HTML 22Page - STMicroelectronics L7808CP Datasheet HTML 23Page - STMicroelectronics L7808CP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
L7800 SERIES
20/34
Figure 25: Split Power Supply (± 15V - 1 A)
* Against potential latch-up problems.
Figure 26: Negative Output Voltage Circuit
Figure 27: Switching Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com