Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9610 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9610
Description  PWM POWER MOS CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9610 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9610 Datasheet HTML 4Page - STMicroelectronics L9610 Datasheet HTML 5Page - STMicroelectronics L9610 Datasheet HTML 6Page - STMicroelectronics L9610 Datasheet HTML 7Page - STMicroelectronics L9610 Datasheet HTML 8Page - STMicroelectronics L9610 Datasheet HTML 9Page - STMicroelectronics L9610 Datasheet HTML 10Page - STMicroelectronics L9610 Datasheet HTML 11Page - STMicroelectronics L9610 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Figure 5 : Application Circuit.
The sensing resistor RS and timing capacitor Ct
should be dimensioned according to :
VSi
RS =
2Inom (@Vs=14 V)
2 x limitation time
Ct =
KT
In normal conditions (VCC = 14 V, maximum bright-
ness) the voltage drop across the sense resistor
must be 50 mV. The current limiter intervenes
attwice the nominal current, Inom.
The timing capacitor Ct (Vct =3.5 V) must be chosen
so that the delay before intervention is twice the du-
ration of the current limitation at power-on.
The optimal value of the oscillator frequency, taking
tolerances into account, must be slightly higher than
the frequency at which lamp flicker is noticable (min
60 Hz).
The switching times are a compromise between
possible EMI and switching power losses. The rec-
ommended value for Cs is 47pF.
L9610C - L9611C
9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com