Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3661 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3661
Description  450mA Subminiature, Micropower Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3661 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3661 Datasheet HTML 9Page - National Semiconductor (TI) LM3661 Datasheet HTML 10Page - National Semiconductor (TI) LM3661 Datasheet HTML 11Page - National Semiconductor (TI) LM3661 Datasheet HTML 12Page - National Semiconductor (TI) LM3661 Datasheet HTML 13Page - National Semiconductor (TI) LM3661 Datasheet HTML 14Page - National Semiconductor (TI) LM3661 Datasheet HTML 15Page - National Semiconductor (TI) LM3661 Datasheet HTML 16Page - National Semiconductor (TI) LM3661 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Frequency Synchronization
(Continued)
over/undershoot. Note that sharp edged signals from a pulse
or function generator can develop under/overshoot as high
as 10V at the end of an improperly terminated cable.
Over-voltage Protection
The LM3661 has an over-voltage comparator that prevents
the output voltage from rising too high when the device is left
in PWM mode under low-load conditions. Otherwise, the
output voltage could rise out of regulation from the minimum
energy transferred per cycle due to about 250 ns minimum
on-time of the PFET switch while in PWM mode. When the
output voltage rises by 70 mV over its regulation threshold,
the OVP comparator inhibits PWM operation to skip pulses
until the output voltage returns to the regulation threshold. In
over voltage protection, output voltage and ripple increase
slightly.
Shutdown Mode
Setting the EN input low, to SGND, places the LM3661 in a
0.5 µA (typ) shutdown mode. During shutdown, the PFET
switch, NFET synchronous rectifier, reference, control and
bias of the LM3661 are turned off. Setting EN high to V
DD
enables normal operation. While turning on, soft start is
activated. EN is a Schmidt trigger digital input with thresh-
olds that are independent of the input voltage at V
DD.EN
must be set low to turn off the LM3661 during under voltage
conditions when the supply is less than the 2.7V minimum
operating voltage. The LM3661 is designed for mobile
phones and similar applications where power sequencing is
determined by the system controller and internal UVLO (Un-
der Voltage Lock Out) circuitry is unnecessary. The LM3661
has no UVLO circuitry. Although the LM3661 exhibits good
behavior while enabled at low input voltages, this is not
guaranteed.
Start-up
The LM3661 is designed to be started in LDO mode. Under
these conditions, the output voltage will increase at a rate
determined by the LDO current limit and the output capacitor
and load. This ramp time is typically about 600 µs. The
LM3661 may be started in PWM mode as well. Under these
conditions, the reference voltage for the error amplifier is
ramped up time is about 300µs and the output voltage will
follow. In this way, the input inrush current and output voltage
over shoot can be minimized.
Thermal Shutdown Protection
The LM3661 has thermal shutdown protection in PWM mode
to protect from short-term misuse and overload conditions.
When the junction temperature exceeds 150˚C, the device
shuts down and re-starts in soft start after the temperature
drops below 130˚C. Prolonged operation in thermal overload
conditions may damage the device and is considered bad
practice.
Current Limiting Protection
A current limit feature allows the LM3661 to protect itself and
external components during overload conditions. Current
limiting is implemented using an independent internal com-
parator. In PWM mode, cycle-by-cycle current limiting is
normally used. If an excessive load pulls the output voltage
down to approximately 0.45V, then the device switches to a
timed current limit mode. In timed current limit mode the
internal PFET switch is turned off after the current compara-
tor trips and the beginning of the next cycle is inhibited for
2.5 µs to force the instantaneous inductor current to ramp
down to a safe value. Timed current limit prevents the loss of
current control seen in some products when the output volt-
age is pulled low in serious overload conditions.
Application Information
PIN SELECTABLE OUTPUT
The LM3661 features pin-selectable output voltage to elimi-
nate the need for external feedback resistors. Select an
output voltage of 1.05V or 1.25V/1.35V/1.4V by setting the
V
SEL pin low or high. VSEL may be set high by connecting to
V
DD or low by connecting to GND. Alternatively, VSEL may be
driven off digitally by a logic gates that provide over 1.2V for
high state and less than 0.4V for a low state to ensure valid
logic levels. V
SEL input has no internal pull down that pulls
the input low, this pin must be set to a known state.
Isel Pin
Connecting the I
SEL pin high (>1.2V or Vin ) sets the internal
current limit comparator to low value and low (< 0.4 or GND)
to high value. Note that I
SEL pin has no internal pull down
and this pin must connect to a known state of normal opera-
tion.
Table 1 shows selected I
OUT capability information.
Table 1. I
SEL condition and IOUT capability
(Applies to both V
SEL = H and VSEL =L)
V
OUT option
I
SEL
I
OUT capability
1.05V/1.25V
H
300mA
1.05V/1.25V
L
TBDmA
1.05V/1.35V
H
350mA
1.05V/1.35V
L
450mA
1.05V/1.40V
H
350mA
1.05V/1.40V
L
450mA
Mode Transition
The LM3661 is designed to operate in two modes, LDO(Low
Dropout Regulator) mode for light load (15mA Max.) and
PWM Mode (Pulse Width Modulation) . As described in the
Device Operation Section, setting the SYNC/MODE pin low
yields LDO mode or high yields PWM mode. When mode
transitions from LDO to PWM and vice versa, harsh transient
conditions such as ramping the output load should be
avoided. To maintain a smooth transition, it is recommended
to keep the load to a minimum of 3mA or less for about 40us
before ramping into heavy load to avoid a large dip at the
output. Similarly, the same care must be applied when
changing output voltage from 1.05V to 1.25V/1.35V/1.40V
and vice versa (setting Vsel pin high or low) during full load.
Figure 3 below shows the mode transition from LDO to PWM
and PWM to LDO, and the load transient transition from light
load to heavy load is delayed by 40µs to allow the PWM loop
to respond properly.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com