Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78S09CT Datasheet(PDF) 15 Page - STMicroelectronics

Part # L78S09CT
Description  2A POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S09CT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L78S09CT Datasheet HTML 11Page - STMicroelectronics L78S09CT Datasheet HTML 12Page - STMicroelectronics L78S09CT Datasheet HTML 13Page - STMicroelectronics L78S09CT Datasheet HTML 14Page - STMicroelectronics L78S09CT Datasheet HTML 15Page - STMicroelectronics L78S09CT Datasheet HTML 16Page - STMicroelectronics L78S09CT Datasheet HTML 17Page - STMicroelectronics L78S09CT Datasheet HTML 18Page - STMicroelectronics L78S09CT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Figure 15 : Circuit for Increasing Output Voltage.
Figure 16 : Adjustable Output Regulator
(7 to 30V).
Figure 17 : 0.5 to 10V Regulator.
Figure 18 : High Current Voltage Regulator.
VBEQ1
R1 =
IQ1
IREQ –
βQ
1
VBEQ1
IO =IREG +Q1 [IREG –]
R1
R4
VO =VXX
R1
IR1
≥ 5Id
R2
V0 =VXX (1 +
) + Id R2
R1
Figure 19 : High Output Current with Short Circuit
Protection.
Figure 20 : Tracking Voltage Regulator.
VBEQ2
RSC =
ISC
L78S00 SERIES
15/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com