Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD-M Datasheet(PDF) 4 Page - TDK Electronics

Part # PXD-M
Description  30W Medical and Industrial DC-DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PXD-M Datasheet(HTML) 4 Page - TDK Electronics

  PXD-M Datasheet HTML 1Page - TDK Electronics PXD-M Datasheet HTML 2Page - TDK Electronics PXD-M Datasheet HTML 3Page - TDK Electronics PXD-M Datasheet HTML 4Page - TDK Electronics PXD-M Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PXD-M Series
4
Outline Drawing
Recommended Hole Pattern
PIN
Function
Single
Dual
1
+Vin
2
-Vin
3
Remote On/Off (Option)
4
+Vout
5
-Vout
Com
6
Trim
-Vout
Hole diameter: 0.05” [1.30mm)
Top side pad diameter: 0.064” [1.63mm]
Bottom side pad diameter: 0.102” [2.60mm]
Pinout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com