Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0104 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0104
Description  DFN-12 to DIP-16 SMT Adapter (0.45 mm pitch, 3.0 x 2.0 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0104 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0104 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0104 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
DFN-12 to DIP-16 SMT Adapter (0.45 mm pitch, 3.0 x 2.0 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.15
B
0.70
C
0.25
B2
0.64
C2
2.39
D
0.20
D2
0.255
E
0.45
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2012 Proto Advantage
A
B
C
D
E
B2
C2
D2
IIIP
P
PC
C
C0
0
01
1
10
0
04
4
4


Similar Part No. - IPC0104

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0100 PROTOADVANTAGE-IPC0100 Datasheet
44Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.65 mm pitch, 6.0 x 6.0 mm body, 4.0 x 4.0 mm pad)
revision 1.0
IPC0101 PROTOADVANTAGE-IPC0101 Datasheet
44Kb / 2P
QFN-56 to DIP-60 SMT Adapter (0.4 mm pitch, 5.0 x 9.0 mm body, 3.45 x 7.13 mm pad)
revision 1.0
IPC0102 PROTOADVANTAGE-IPC0102 Datasheet
44Kb / 2P
QFN-20 to DIP-20 SMT Adapter (0.4 mm pitch, 3.0 x 3.0 mm body)
revision 1.0
IPC0103 PROTOADVANTAGE-IPC0103 Datasheet
44Kb / 2P
LGA-10 to DIP-10 SMT Adapter (3.0 x 5.0 mm body)
revision 1.0
IPC0105 PROTOADVANTAGE-IPC0105 Datasheet
44Kb / 2P
LGA-28 to DIP-28 SMT Adapter (0.5 mm pitch, 4.0 x 5.0 mm body)
revision 1.0
More results

Similar Description - IPC0104

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3021VRCBS-A KINGBRIGHT-AA3021VRCBS-A Datasheet
306Kb / 5P
3.0 x 2.0 mm Surface Mount LED Lamp
APBDA3020QBDCGKC-GX KINGBRIGHT-APBDA3020QBDCGKC-GX Datasheet
304Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
APDA3020LSECK-J3-PF TO-GRACE-APDA3020LSECK-J3-PF Datasheet
862Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
APDA3020LSECK-J4-PF TO-GRACE-APDA3020LSECK-J4-PF Datasheet
832Kb / 4P
3.0 x 2.0 mm Right Angle SMD LED
AA3021LSESK-J4-TR TO-GRACE-AA3021LSESK-J4-TR Datasheet
400Kb / 4P
3.0 x 2.0 mm Surface Mount LED Lamp
AA3021LSYSK-J3-TR TO-GRACE-AA3021LSYSK-J3-TR Datasheet
400Kb / 4P
3.0 x 2.0 mm Surface Mount LED Lamp
AA3021QWS-D TO-GRACE-AA3021QWS-D Datasheet
421Kb / 5P
3.0 x 2.0 mm Surface Mount LED Lamp
AA3021ZGSK TO-GRACE-AA3021ZGSK Datasheet
880Kb / 4P
3.0 x 2.0 mm Surface Mount LED Lamp
logo
Panasonic Semiconductor
EVPAWBD40 PANASONIC-EVPAWBD40 Datasheet
297Kb / 8P
Tactile Switches 3.0 mm x 2.0 mm SMD
logo
Kingbright Corporation
APDA3020F3C-P22 KINGBRIGHT-APDA3020F3C-P22 Datasheet
458Kb / 4P
3.0 x 2.0 mm Infrared Emitting Diode
Rev No: V.1A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com