Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0106 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0106
Description  DFN-14 to DIP-18 SMT Adapter (0.5 mm pitch, 4.0 x 4.0 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0106 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0106 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0106 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
DFN-14 to DIP-18 SMT Adapter (0.5 mm pitch, 4.0 x 4.0 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.20
B
0.60
C
0.25
B2
2.60
C2
3.00
D
0.25
D2
0.30
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2012 Proto Advantage
A
B
C
D
E
B2
C2
D2
IIIP
P
PC
C
C0
0
01
1
10
0
06
6
6


Similar Part No. - IPC0106

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0100 PROTOADVANTAGE-IPC0100 Datasheet
44Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.65 mm pitch, 6.0 x 6.0 mm body, 4.0 x 4.0 mm pad)
revision 1.0
IPC0101 PROTOADVANTAGE-IPC0101 Datasheet
44Kb / 2P
QFN-56 to DIP-60 SMT Adapter (0.4 mm pitch, 5.0 x 9.0 mm body, 3.45 x 7.13 mm pad)
revision 1.0
IPC0102 PROTOADVANTAGE-IPC0102 Datasheet
44Kb / 2P
QFN-20 to DIP-20 SMT Adapter (0.4 mm pitch, 3.0 x 3.0 mm body)
revision 1.0
IPC0103 PROTOADVANTAGE-IPC0103 Datasheet
44Kb / 2P
LGA-10 to DIP-10 SMT Adapter (3.0 x 5.0 mm body)
revision 1.0
IPC0104 PROTOADVANTAGE-IPC0104 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.45 mm pitch, 3.0 x 2.0 mm body)
revision 1.0
More results

Similar Description - IPC0106

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN233RPH PANASONIC-LN233RPH Datasheet
32Kb / 1P
1.0 mm X 4.0 mm Series
LNW4A8YY4 PANASONIC-LNW4A8YY4 Datasheet
20Kb / 1P
4.0 mm InGaAIP
LNW8A8SY8 PANASONIC-LNW8A8SY8 Datasheet
20Kb / 1P
4.0 mm InGaAIP
LNW9A8BYFZ PANASONIC-LNW9A8BYFZ Datasheet
20Kb / 1P
4.0 mm Blue
logo
Kingbright Corporation
AA4040 KINGBRIGHT-AA4040 Datasheet
99Kb / 5P
4.0 X 4.0 MM SURFACE MOUNT LED LAMP
AA4040SF4S-P22 KINGBRIGHT-AA4040SF4S-P22 Datasheet
673Kb / 4P
4.0 x 4.0 mm Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
AA4040QBS-D TO-GRACE-AA4040QBS-D Datasheet
916Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
AA4040SF4S-P22 TO-GRACE-AA4040SF4S-P22 Datasheet
1Mb / 4P
4.0 x 4.0 mm Infrared Emitting Diode
KA-4040QBS-D TO-GRACE-KA-4040QBS-D Datasheet
953Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040SURCKT TO-GRACE-KA-4040SURCKT Datasheet
886Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com