Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0112 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0112
Description  DFN-24 to DIP-28 SMT Adapter (0.5 mm pitch, 7.0 x 4.0 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0112 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0112 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0112 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
DFN-24 to DIP-28 SMT Adapter (0.5 mm pitch, 7.0 x 4.0 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.10
B
0.70
C
0.25
B2
2.64
C2
6.43
D
0.25
D2
0.23
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2013 Proto Advantage
A
B
C
D
E
B2
C2
D2
IIIP
P
PC
C
C0
0
01
1
11
1
12
2
2


Similar Part No. - IPC0112

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0110 PROTOADVANTAGE-IPC0110 Datasheet
44Kb / 2P
QFN-16 to DIP-20 SMT Adapter (0.5 mm pitch, 3.5 x 3.5 mm body)
revision 1.0
IPC0111 PROTOADVANTAGE-IPC0111 Datasheet
44Kb / 2P
HSOP-44 to DIP-48 SMT Adapter (0.65 mm pitch, 16 x 11 mm body)
revision 1.0
IPC0113 PROTOADVANTAGE-IPC0113 Datasheet
44Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 3.0 x 3.0 mm body)
revision 1.0
IPC0114 PROTOADVANTAGE-IPC0114 Datasheet
44Kb / 2P
PowerSSO-28 to DIP-32 SMT Adapter (0.65 mm pitch, 10.35 x 7.5 mm body)
revision 1.0
IPC0115 PROTOADVANTAGE-IPC0115 Datasheet
44Kb / 2P
DFN-14 to DIP-18 SMT Adapter (0.5 mm pitch, 5.0 x 5.0 mm body)
revision 1.0
More results

Similar Description - IPC0112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH Datasheet
32Kb / 1P
3.0 mm X 7.0 mm Series
LN220RPH PANASONIC-LN220RPH Datasheet
31Kb / 1P
1.75 mm X 7.0 mm Series
LN233RPH PANASONIC-LN233RPH Datasheet
32Kb / 1P
1.0 mm X 4.0 mm Series
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
5.0 x 7.0 x 1.2 mm
logo
List of Unclassifed Man...
C85F ETC2-C85F Datasheet
87Kb / 4P
7.0 mm x 5.0 mm XO
logo
ILSI America LLC
ISM81 ILSI-ISM81 Datasheet
148Kb / 2P
5.0 mm x 7.0 mm Ceramic Package SMD Oscillator
logo
MTRONPTI
M2406 MTRONPTI-M2406 Datasheet
1Mb / 3P
SPECIFICATION FOR 5.0 x 7.0 mm SMT CRYSTAL OSCILLATOR
logo
Kingbright Corporation
AA4040SF4S-P22 KINGBRIGHT-AA4040SF4S-P22 Datasheet
673Kb / 4P
4.0 x 4.0 mm Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
AA4040SF4S-P22 TO-GRACE-AA4040SF4S-P22 Datasheet
1Mb / 4P
4.0 x 4.0 mm Infrared Emitting Diode
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
7.0 x 5.0 mm, SMD
05 December 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com