Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR250B Datasheet(PDF) 2 Page - B&K Precision Corporation

Part # PR250B
Description  General Accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

PR250B Datasheet(HTML) 2 Page - B&K Precision Corporation

  PR250B Datasheet HTML 1Page - B&K Precision Corporation PR250B Datasheet HTML 2Page - B&K Precision Corporation PR250B Datasheet HTML 3Page - B&K Precision Corporation PR250B Datasheet HTML 4Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.bkprecision.com
General Accessories
Oscilloscope Probes
Applications
■
■
Switching power supply designs
■
■
Motor drive design
■
■
Electronic ballast design
Specifications
PR-60
Bandwidth
25 MHz (-3 dB)
Attenuation ratio
x10/x100
Accuracy
±2%
Rise time
14 ns
Input impedance
4 MΩ/10 pF each side
to ground
Input voltage
Max. differential
±700 V (DC+Peak AC)
Max. common mode
±700 V (DC+Peak AC)
Output voltage
Max. amplitude
±7 V (into 2 kΩ load)
Offset (Typical)
≤±5 mV, -10°to 40° C
Noise (Typical)
1.5 to 2 mV
Source impedance
1 Ω @ 1 kHz 8 Ω @ 1 MHz
CMRR
50Hz
86 dB
20kHz
66 dB
200kHz
56 dB
Probes
Sprung hooks (B/R)
Length of input lines
45 cm
Operating temperature
14° to 104°F (-10° to 40°C)
Power requirements
4 x AA batteries
Certification
IEC61010-1 CATIII
General Purpose Passive Probes
This full line of probes increases the versatility of your oscilloscope with both fixed and switchable attenuation.
Each probe includes a full accessory kit with a sprung hook, replacement tip and BNC adapter. All models are
compliant to IEC61010-031.
Specifications
Passive probes
High voltage (passive)
PR 33A
PR 37 AG
PR 37AR
PR 100A
PR-55
Bandwidth (MHz)
15/90
6/150
6/150
250
50
Attenuation
x1/x10
x1/x10/REF
x1/x10/REF
x100
x1000
Input impedance R(MΩ)
1/10
1/10
1/10
100
100
Capacitance (pF)
46/16
100/15
100/15
6.5
1
Voltage (VDC+AC max)
600
600
600
1,200
10,000
Compensation (pF)
10-35
10-35
10-35
10-35
10-30
Cable length
1.2 m
1.2 m
1.2 m
1.2 m
2.0 m
Model PR-55
Model PR 37AR
PR 32A RF Detector Probe
Specifications
PR 32 A
Bandwidth
100 kHz - 950 MHz
Accuracy
±3 dB
Voltage
200 V
HF voltage
50 Veff
Actuating Voltage
250 mV
Input capacitance
5 pF
Cable length
1.2 m
Body color
Black
Specifications
PR150B
PR250B
PR500B
PR2000B
Type
5 mm Passive Voltage
Bandwidth
17/150 MHz
250 MHz
500 MHz
200 MHz
Attenuation
1x/10x
10x
10x
100x
Input impedance
1/10 MΩ
10 MΩ
10 MΩ
100 MΩ
Input capacitance
≈45/12 pF
≈12 pF
≈10 pF
≈5 pF
Rise time
20/2.3 ns
1.4 ns
0.7 ns
1.8 ns
IEC rating
300 V CAT II
300 V CAT II
300 V CAT II
2,000 V CAT I
Compensation
10−30 pF
10−30 pF
6–22 pF
10−30 pF
Cable length
1.2 m
Attenuation accuracy
-
-
-
6%
Voltage coefficient (VCR)
-
-
-
≤30 ppm/V
Operating temperature
0° to +50° C
Humidity
85% RH or less (at 35° C)
PR-60 Active
Differential Probe
Allows for safe and accurate floating measurements
with your standard analog or digital oscilloscope.
Passive Oscilloscope Probes
High bandwidth, high impedance 10x passive voltage
probe with 10 MΩ input impedance. All probes are
RoHS (2002/95/EC) compliant.
69



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com