Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2000B Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # PR2000B
Description  General Accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

PR2000B Datasheet(HTML) 1 Page - B&K Precision Corporation

  PR2000B Datasheet HTML 1Page - B&K Precision Corporation PR2000B Datasheet HTML 2Page - B&K Precision Corporation PR2000B Datasheet HTML 3Page - B&K Precision Corporation PR2000B Datasheet HTML 4Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Accessories
Power Supply & Oscilloscope Probes
CP62 300 kHz AC/DC Oscilloscope
Current Clamp Probe
The CP62 current probe allows a general purpose
oscilloscope to display AC and DC current signals up to
100 A Peak (70 A RMS). The CP62 current probe can also
make AC and DC measurements with a multimeter by using
the recommended accessory TL62 (BNC-to-banana)
plug adapter.
Description
Qty.
IEC rating
Max current
Retractile lead, 100 cm
*3
600 V CAT II
36 A
6/4mm spade lug adapter
*3
33 Vdc/ 70 Vac
36 A
BNC cable assembly, 100 cm
1
500 Vrms
3 A
BNC female to double banana plugs
1
500 Vrms
3 A
Banana plug adapter
*3
33 Vdc/ 70 Vac
36 A
BNC male to double binding posts
1
500 Vrms
3 A
Insulated alligator clip
*3
600 V CAT IV
36 A
*Colors: Black, red & green
High capacity retractable sheath silicone jacketed leads
Extra-large insulated alligator clips
Black, red and green components
Storage case
TLPWR1 High Current Premium Test Lead Accessory
High quality red and black cable with externally braided wrap with large
fork-type spade connectors for connecting to high current power supplies
or DC loads.
Length: 2 m
Rated current: 60 A
Gauge: 8 AWG
Connector inner diameter: 8 mm (approximate)
Connector outer width: 15 mm (approximate)
Wire material: flexible silicon jacket
Description
Qty.
IEC Rating
Max current
Retractile leads, 120cm
*2
600 V CAT II
25 A
6/4mm Spade lug adapters
*2
33 VDC/ 70 VAC
36 A
Standard alligator clips
*2
300 V CAT I
3 A
4mm Banana plug adapters
*2
33 VDC/ 70 VAC
36 A
Insulated alligator clips
*3
600 V CAT IV
36 A
Sense lead pair, 1 m
*1
33 VDC/ 70 VAC
3 A
TLPS Power Supply Accessory Kit
This accessory kit combines safety and functionality. A must have for anyone who
uses a power supply, this kit is ideal for use with power supplies in educational,
service and maintenance, and manufacturing applications.
Carrying Cases
*Colors: Black & Red
TL 5A & TL 30 Power Supply Leads
Description
Qty.
IEC rating
Max current
Model
Leads, 4 mm banana plug
leads, 100 cm
*2
33 VDC/ 70 VAC
5 A
TL 5A
Cables, #10 lug to battery
clip, 75 cm
*2
33 VDC/ 70 VAC
30 A
TL 30
TL 5A
TL 30
50 mA to 100 Apk
DC to 300 kHz
Medium and large insulated alligator clips
Black and red components
Sense lead included
CC545 General Purpose Power Supply Accessory Kit
This kit provides everything needed to put a bench power supply to work. The kit
includes 3 high capacity test leads with retractile sleeve plugs. Rated at 600 V
CAT II and 36 A, the leads provide safe connection to either standard or sheathed
jacks while its silicone jacket wire stays flexible under all conditions.
*Colors: Black & Red
68


Similar Part No. - PR2000B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
PR2000 BILIN-PR2000 Datasheet
264Kb / 2P
HIGH VOLTAGE RECTIFIERS
More results

Similar Description - PR2000B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
40VDCKIT ETC2-40VDCKIT Datasheet
79Kb / 1P
General Accessories DC Voltage Kits
CONG1A-A5 ETC2-CONG1A-A5 Datasheet
66Kb / 2P
General Accessories Plugs Type CONG
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
Carlo Gavazzi Holding A...
CONB54NF-A2W CARLOGAVAZZI-CONB54NF-A2W Datasheet
345Kb / 2P
General Accessories M8 IP69K Connector Cables
CONB53NF-APT2P CARLOGAVAZZI-CONB53NF-APT2P Datasheet
337Kb / 3P
General Accessories Connectors
CONB14NF-APT2P CARLOGAVAZZI-CONB14NF-APT2P Datasheet
550Kb / 3P
General Accessories Connector Cables
CONB14NF-AP2W CARLOGAVAZZI-CONB14NF-AP2W Datasheet
319Kb / 3P
General Accessories IP69K Connector Cables
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com