Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR250SA Datasheet(PDF) 7 Page - B&K Precision Corporation

Part # PR250SA
Description  Handheld Digital Storage Oscilloscopes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

PR250SA Datasheet(HTML) 7 Page - B&K Precision Corporation

  PR250SA Datasheet HTML 1Page - B&K Precision Corporation PR250SA Datasheet HTML 2Page - B&K Precision Corporation PR250SA Datasheet HTML 3Page - B&K Precision Corporation PR250SA Datasheet HTML 4Page - B&K Precision Corporation PR250SA Datasheet HTML 5Page - B&K Precision Corporation PR250SA Datasheet HTML 6Page - B&K Precision Corporation PR250SA Datasheet HTML 7Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.bkprecision.com
Handheld Digital Storage Oscilloscopes
2510 Series
7
Multimeter and Recorder Specifications
I
All specifications are based on operating at temperatures 23 ± 5°C and relative humidity < 75%.
I
Accuracy is based on ± (% of reading + offset).
Multimeter
Display Resolution
6000 counts
Measurement Function
DC voltage, AC voltage, resistance,
diode, continuity, capacitance,
DC current, AC current
Max. Input Voltage
AC: 750 V (30 Hz - 1 kHz)
DC: 1000 V
Max. Input Current(1)
AC: 10 A (30 Hz - 1 kHz)
DC: 10 A
Input Impedance
10 M
Ω
Max. Input Voltage
Between Multimeter
Input Reference
and Ground
CAT II 600 V
CAT III 300 V
DC Voltage
Range
Resolution
Accuracy
60.00 mV
10 µV
± (1 % + 15 digits)
600.0 mV
100 µV
± (1 % + 5 digits)
6.000 V
1 mV
60.00 V
10 mV
600.0 V
100 mV
1000 V
1 V
AC Voltage(2)
Range
Resolution
Accuracy
60.00 mV
10 µV
± (1 % + 15 digits)
600.0 mV
100 µV
± (1 % + 5 digits)
6.000 V
1 mV
60.00 V
10 mV
600.0 V
100 mV
750 V
1 V
Multimeter (cont.)
Resistance
Range
Resolution
Accuracy
600.0
Ω
0.1
Ω
± (1 % + 5 digits)
6.000 k
Ω
1
Ω
60.00 k
Ω
10
Ω
600.0 k
Ω
100
Ω
6.000 M
Ω
1 k
Ω
60.00 M
Ω
10 k
Ω
± (3 % + 5 digits)
Diode and Continuity Measure
Diode
0 – 2 V
Continuity
< 50
Ω alarm
Capacitance
Range
Resolution
Accuracy
40.00 nF
10 pF
± (3 % + 10 digits)
400.0 nF
100 pF
± (4 % + 5 digits)
4.000 µF
1 nF
40.00 µF
10 nF
400.0 µF
100 nF
DC and AC Current(3)(4)
Range
Resolution
Accuracy
60.00 mA
10 µA
± (1.5 % + 5 digits)
600.0 mA
100 µA
6.000 A
1 mA
± (2.5 % + 5 digits)
10.00 A
10 mA
Recorder
Scope Trend Plot
Display Mode
Full view, Normal
Record Length
800k points, > 24 hours
Number of Channels
2
Multimeter Trend Plot
Display Mode
Full view, Normal
Record Length
1.2M dots, > 24 hours
Number of Channels
1
Scope Recorder
Display Mode
Full view, Normal
Max. Record Length
Single Channel: 7 M pts
Dual Channel: 3.5 M pts
Number of Channels
2
Maximum Record Size to
External Storage
4 GB, 3000 hours
(1) Current input terminals protected with internal 250 V rated fuse.
(2) For frequency range 30 Hz to 1 kHz.
(3) For 10 A terminal, > 6 A DC or AC rms for 10 seconds ON and 15 minutes OFF.
(4) For AC current ranges, frequency is verified for 30 Hz to 1 kHz.
v032416
Included Accessories
User manual, passive probes (one per channel), pair of DMM test leads, 7.4 V Li-ion
battery BP2510, USB cable, probe compensation connector, AC power adapter,
travel case LC2510B and certificate of calibration



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com