Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR-55 Datasheet(PDF) 4 Page - B&K Precision Corporation

Part # PR-55
Description  General Accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

PR-55 Datasheet(HTML) 4 Page - B&K Precision Corporation

  PR-55 Datasheet HTML 1Page - B&K Precision Corporation PR-55 Datasheet HTML 2Page - B&K Precision Corporation PR-55 Datasheet HTML 3Page - B&K Precision Corporation PR-55 Datasheet HTML 4Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.bkprecision.com
General Accessories
Multimeters
Specifications
PR 28A
Attenuation
x1000
Voltage (AC)
20 kV
Voltage (DC)
40 kV
Bandwidth
60 Hz
Input impedance
1000 MΩ
Accuracy (AC & DC)
±3%
Cable length
1.2 m
Description
TL-50B
4 mm straight to
right-angle
silicone leads, 1.5 m
1000 V
CAT III 12 A
Probe bodies w/Ø2
mm tip
1000 V
CAT III 36 A
Pincer style clips
1000 V
CAT III
6 A
Alligator clips
300 V
CAT I
3 A
Spade lug adapters
42 V
(1000 V)
-
36 A
Banana plug adapters
42 V
(1000 V)
-
36 A
Fully insulated
alligator clips
1000 V
CAT III 20 A
TL 8 Surface Mount Tweezers
■
■
Two conductor leads
■
■
400 Vrms, 1 A
TL500B High Performance Bench DMM
Accessory Kit
Qty.
Description
Color
(4)
Test lead 4 mm sheathed P-RaP
silicon 0.75, 100 cm
(2) black,
(2) red
(2)
Spring tip MiniPRO - 4 mm jack
(1) black,
(1) red
(1)
Insulated BNC male
adapter - 4 mm safety jacks
-
(2)
Adapter - 4 mm banana plug
to jack
(1) black,
(1) red
(2)
MiniFlex clip - 4 mm
jack-silicon 0.40, 10 cm
(1) black,
(1) red
(2)
Adapter 6 mm spade
4 mm jack
(1) black,
(1) red
(2)
Lead MiniPRO-J-PVC 0.40, 10 cm
(1) black,
(1) red
(1)
Tweezer test lead
set- 4 mm P, w/PVC pouch
-
TL37 Red and Black CAT III 1000 V (CAT IV
600 V) Test Leads
Right angled sheathed banana replacement 10A test
leads for digital multimeters. With tip cap on, they are
rated to CAT III 1000V, CAT IV 600V, with tip cap off, they
are CAT II 1000V.
Description
TL 130B
4 mm straight to
right-angle
silicone leads, 1.5 m
1000 V CAT III
12 A
Probe bodies w/Ø2mm
tip
1000 V CAT III
36 A
Alligator style clips
1000 V CAT III
20 A
Alligator clips
300 V
CAT I
3 A
Specifications
CP 3
(Accuracy specified at 18° to 28°C)
Current range
2 A to 400 A, DC or AC
Frequency Response (AC)
50 Hz - 400 Hz
Accuracy
±(2% reading + 2 A)
Input resistance
10 kΩ min.
Maximum conductor size
30 mm
Power requirement
9 V battery, NEDA 1604
Battery life
100 hr typical
Operating temperature
0° to 40°C, <70% RH
Storage temperature
-20° to + 70°C, <80% RH
PR 28A 40 kV High Voltage DMM Probe
For voltage measurements above the specifications of
general purpose probes.
This kit of accessories was assembled to facilitate
requirements by high-performance bench digital
multimeters (DMMs) users. All the most popular
accessories in one kit. The kit offers MiniProbe test
probe, with spring-loaded tips for fine probing;
MiniPRO and MiniFlex test clips for small and micro
connections; and for those larger test points, both
spade lug and banana plug adapters, two pairs of test
leads for 4-wire measurements or calibration hookups,
an insulated BNC male to sheathed banana jack
adapter, and an insulated SMD tweezer set for
surface-mount component testing.
■
■
Silicone jacketed test lead wire
■
■
MiniProbe w/spring loaded stainless steel tips
■
■
Packaged in plastic case
■
■
RoHS (2002/95/EC)
■
■
IEC61010-2-031 compliant
■
■
Silicone lead wire length (1.5 m)
■
■
Tri-fold velcro pouch
TL 130B General Purpose DMM Kit
If you need only one basic accessory kit for your meter,
this is the one. Attach probes or clips to the sheath
plug to complete your test. Soft, flexible silicone leads
make movement easy. Kit is voltage and current rated
for electronic or electrical applications.
■
■
IEC61010-031 compliant
■
■
Silicone lead wire length (1.5 m)
■
■
Tri-fold velcro pouch
TL-50B Maxi-Pro DMM Kit
Complete accessory kit for all your testing
needs. Includes soft, flexible silicone lead wire
for easy movement.
CP3 DC/AC Current Clamp
■
■
Converts any DMM to a current clamp
■
■
Measures current without disconnecting circuit
under test
■
■
Measures to 400 A DC or AC
■
■
Outputs 1 mV per Amp, operates on 2 V range
of any DMM
71



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com