Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78M05 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L78M05
Description  PRECISION 500mA REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M05 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L78M05 Datasheet HTML 8Page - STMicroelectronics L78M05 Datasheet HTML 9Page - STMicroelectronics L78M05 Datasheet HTML 10Page - STMicroelectronics L78M05 Datasheet HTML 11Page - STMicroelectronics L78M05 Datasheet HTML 12Page - STMicroelectronics L78M05 Datasheet HTML 13Page - STMicroelectronics L78M05 Datasheet HTML 14Page - STMicroelectronics L78M05 Datasheet HTML 15Page - STMicroelectronics L78M05 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
L78M00AB/AC SERIES
12/17
APPLICATIONS INFORMATION
DESIGN CONSIDERATIONS
The L78M00AB Series of fixed voltage regulators are designed with Thermal Overload Protection that
shuts down the circuit when subjected to an excessive power overload condition, Internal Short-Circuit
Protection that limits the maximum current the circuit will pass, and Output Transistor Safe-Area
Compensation that reduces the output short-circuit as the voltage across the pass transistor is increased.
In many low current applications, compensation capacitors are not required. However, it is recommended
that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter
with long wire lengths, or if the output load capacitance is large. An input bypass capacitor should be
selected to provide good high-frequency characteristics to insure stable operation under all load
conditions. A 0.33µF or larger tantalum, mylar, or other capacitor having low internal impedance at high
frequencies should be chosen. The bypass capacitor should be mounted with the shortest possible leads
directly across the regulators input terminals. Normally good construction techniques should be used to
minimize ground loops and lead resistance drops since the regulator has no external sense lead.
Figure 13 : Current Regulator
Figure 14 : Adjustable Output Regulator
The addition of an operational amplifier allows adjustment to higher or intermediate values while retaining regulation characteristics. The min-
imum voltage obtainable with this arrangement is 2.0V greater than the regulator voltage.
Vxx
IO =  +Id
R1
VO,7.0V to 20V
VI -VO ≥ 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com