Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC15065AC Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSC15065AC
Description  Silicon Carbide Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HSC15065AC Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HSC15065AC Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC15065AC Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HSC15065AC Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
• Hyperfast recovery time
(
)
• Low forward voltage drop VF
• 175°C operating junction temperature
• Low leakage current
Maximum Ratings (
)
T =25
unless otherwise specified
J
°C
V
Unit
650
120
-55 ~ +175
HSC15065AC
°C
A
Applications
• Switch Mode Power Supplies
• Uninterruptible Power Supplies
• PFC boost stage in the AC/DC
• Freewheeling diodes
0.9
Silicon Carbide Schottky Diode
A
15
Parameter
Maximum repetitive peak reverse voltage
Operating junction and storage temperature
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Junction to case thermal resistance
VRRM
T ,T
J
S T G
Symbols
IFSM
IFM
R
θ J C
Electrical Characteristics
°C
(
)
T =25
unless otherwise specified
J
www.hxkj.hk
+86-769-23622090
huixin@hxkj.hk
Rev.02
Page 1 of 3
HSC15065AC
TO-220AC
C
A
PinC
Cathode
PinA
Anode
C
°C/W
Unit
Typ.
741
1.33
Parameter
Junction capacitance
Maximum instantaneous
forward voltage at 15A
Symbols
,
I =15A T =25°C
F
J
Max.
1.5
IR
Maximum DC reverse current
at rated DC blocking voltage
VF
1.60
V
μA
V
= 650 V
R R M
(
I
= 15 A T =15
F M
C
)
0°C
T = 175
J
°C
170
(
)
Power dissipation T =25°C
C
Ptot
W
80
Junction to ambient thermal resistance
R
θ J A
Min.
Test Conditions
,
I =15A T =150°C
F
J
,
V =650V T =25°C
R
J
,
V =650V T =150°C
R
J
CJ
V =0.1V, f = 1MHz
R
79
pF
V =200V, f = 1MHz
R
57
V =400V, f = 1MHz
R
Total capacitive charge
QC
32
nC
V = 400V, I = 15A
R
F
di/dt = 200A/μs
50
30
6
200
(
)
Maximum average forward T =150°C
C


Similar Part No. - HSC15065AC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HSC150 TEC-HSC150 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
HSC150 TEC-HSC150 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
More results

Similar Description - HSC15065AC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com