Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6416 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6416
Description  2 GHz Low Noise Differential 16-Bit ADC Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6416 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6416 Datasheet HTML 9Page - Analog Devices LTC6416 Datasheet HTML 10Page - Analog Devices LTC6416 Datasheet HTML 11Page - Analog Devices LTC6416 Datasheet HTML 12Page - Analog Devices LTC6416 Datasheet HTML 13Page - Analog Devices LTC6416 Datasheet HTML 14Page - Analog Devices LTC6416 Datasheet HTML 15Page - Analog Devices LTC6416 Datasheet HTML 16Page - Analog Devices LTC6416 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC6416
13
6416f
APPLICATIONS INFORMATION
Circuit Operation
The LTC6416 is a low noise and low distortion fully dif-
ferential unity-gain ADC driver with operation from DC to
2GHz (–3dB bandwidth), a differential input impedance of
12kΩ, and a differential output impedance of 18Ω. The
LTC6416 is composed of a fully differential buffer with
output common mode voltage control circuitry and high
speed voltage-limiting clamps at the output. Small output
resistors of 9Ω improve the circuit stability over various
load conditions. They also simplify possible external filter-
ing options, which are often desirable when the load is an
ADC. Lowpass or bandpass filters are easily implemented
with just a few external components. The LTC6416 is very
flexible in terms of I/O coupling. It can be AC- or DC-
coupled at the inputs, the outputs or both. When using
the LTC6416 with DC-coupled inputs, best performance is
obtained with an input common mode voltage between 1V
and 1.5V. For AC-coupled operation, the LTC6416 will take
the voltage applied to the VCM pin and use it to bias the
inputs so that the output common mode voltage equals
VCM, thus no external circuitry is needed. The VCM pin
has been designed to directly interface with the VCM pin
found on Linear Technology’s 16-, 14- and 12-bit high
speed ADC families.
Input Impedance and Matching
The LTC6416 has a high differential input impedance of
12kΩ. The differential inputs may need to be terminated
to a lower value impedance, e.g. 50Ω, in order to provide
an impedance match for the source. Figure 1 shows input
matching using a 1:1 balun, while Figure 2 shows match-
ing using a 1:4 balun. These circuits provide a wideband
impedance match. The balun and matching resistors must
be placed close to the input pins in order to minimize the
rejection due to input mismatch. In Figure 1, the capaci-
tor center-tapping the two 24.9Ω resistors improves high
frequency common mode rejection. As an alternative to
this wideband approach, a narrowband impedance match
can be used at the inputs of the LTC6416 for frequency
selection and/or noise reduction.
The noise performance of the LTC6416 also depends upon
the source impedance and termination. For example, the
input 1:4 balun in Figure 2 improves SNR by adding 6dB
of voltage gain at the inputs. A trade-off between gain
and noise is obvious when constant noise figure circle
and constant gain circle are plotted within the same input
Smith Chart. This technique can be used to determine
the optimal source impedance for a given gain and noise
requirement.
Output Match and Filter
The LTC6416 provides a source resistance of 9Ω at each
output. For testing purposes, Figure 3 and Figure 4 show
the LTC6416 driving a differential 400Ω load impedance
using a 1:1 or 1:4 balun, respectively.
The LTC6416 can drive an ADC directly without external
output impedance matching, but improved performance
can usually be obtained with the addition of a few external
components. Figure 5 shows a typical topology used for
driving the LTC2208 16-bit ADC.
Figure 1. Input Termination for Differential 50Ω Input Impedance Using a 1:1 Balun
VIN
IN+
IN–
3
4
24.9Ω 0.1μF
50Ω
24.9Ω
OUT–
6416 F01
OUT+
7
8
LTC6416
0.1μF
0.1μF
1:1
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com