Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6244 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC6244
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC6244 Datasheet HTML 16Page - Linear Technology LTC6244 Datasheet HTML 17Page - Linear Technology LTC6244 Datasheet HTML 18Page - Linear Technology LTC6244 Datasheet HTML 19Page - Linear Technology LTC6244 Datasheet HTML 20Page - Linear Technology LTC6244 Datasheet HTML 21Page - Linear Technology LTC6244 Datasheet HTML 22Page - Linear Technology LTC6244 Datasheet HTML 23Page - Linear Technology LTC6244 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC6244
21
6244f
28
24
20
16
12
8
110
FREQUENCY (kHz)
6244 F11b
1000
4
0
BW = 800Hz TO 160kHz
GAIN = 10
Figure 11b. Input Referred Noise
R5
200k
V+
R2
20k
R4
20k
C2
47pF
R3
2k
V2
V1
VOUT
VREF
6244 F11a
R1
2k
C1
47pF
C3
1000pF
1/2 LTC6244
1/2 LTC6244
Figure 11a. Low Noise AC Difference Amplifier
(Bandwidth 800Hz to 160kHz, Gain = 10)
VGAIN
V
V
V
GAIN
R
R
RR R
R
OUT
REF
=
()+
==
=
•–
,
21
2
1
31 4
2
21
2
1
22
1
,
–
••
•
,
CC
BANDWIDTH
f
f
f
RC
f
HI
LO
HI
=
=
=
π
L
LO
RC
=
1
25
3
••
•
π
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com