Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9686 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9686
Description  AUTOMOTIVE DIRECTION INDICATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9686 Datasheet(HTML) 2 Page - STMicroelectronics

  L9686 Datasheet HTML 1Page - STMicroelectronics L9686 Datasheet HTML 2Page - STMicroelectronics L9686 Datasheet HTML 3Page - STMicroelectronics L9686 Datasheet HTML 4Page - STMicroelectronics L9686 Datasheet HTML 5Page - STMicroelectronics L9686 Datasheet HTML 6Page - STMicroelectronics L9686 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Transient Peak Supply Voltage (R3 > 220
Ω):
Load Dump:
5ms < trise < 10ms
τf Fall Time Constant = 100ms
Rsource > 0.5
Ω
Field Decay:
5ms < tfall < 10ms, Rsource >
Ω
τr Rise Time Constant = 33ms
Low Energy Spike:
trise =1
µs, tfall = 2ms, Rsource >10Ω
80
–80
± 100
V
V
V
Tj,Tstg
Junction and Storage Temperature Range
– 55 to 150
°C
THERMAL DATA
Symbol
Parameter
SO8
Minidip
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
180
100
°C/W
DEVICE GND
+VBATT
OUTPUT
OSCILLATOR
1
3
2
4
OSCILLATOR
N.C.
FAULT DET.
STARTER
8
7
6
5
D95AT175
PIN CONNECTION (Top view)
L9686
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com