Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6244CMS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6244CMS8
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244CMS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC6244CMS8 Datasheet HTML 1Page - Linear Technology LTC6244CMS8 Datasheet HTML 2Page - Linear Technology LTC6244CMS8 Datasheet HTML 3Page - Linear Technology LTC6244CMS8 Datasheet HTML 4Page - Linear Technology LTC6244CMS8 Datasheet HTML 5Page - Linear Technology LTC6244CMS8 Datasheet HTML 6Page - Linear Technology LTC6244CMS8 Datasheet HTML 7Page - Linear Technology LTC6244CMS8 Datasheet HTML 8Page - Linear Technology LTC6244CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC6244
3
6244f
(LTC6244C/I, LTC6244HVC/I) The
● denotes the specifications which apply
over the specified temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V, VCM = 2.5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 4)
MS8 Package
0°C to 70°C
–40°C to 85°C
●
●
40
100
225
300
µV
µV
µV
DD Package
0°C to 70°C
–40°C to 85°C
●
●
100
650
800
950
µV
µV
µV
VOS Match Channel-to-Channel (Note 5) MS8 Package
0°C to 70°C
–40°C to 85°C
●
●
40
160
275
325
µV
µV
µV
DD Package
0°C to 70°C
–40°C to 85°C
●
●
150
800
900
1.1
µV
µV
mV
TC VOS
Input Offset Voltage Drift, MS8 (Note 6)
●
0.7
2.5
µV/°C
IB
Input Bias Current (Notes 4, 7)
●
1
75
pA
pA
IOS
Input Offset Current (Notes 4, 7)
●
0.5
75
pA
pA
Input Noise Voltage
0.1Hz to 10Hz
1.5
µVP-P
en
Input Noise Voltage Density
f = 1kHz
8
12
nV/√Hz
in
Input Noise Current Density (Note 8)
0.56
fA/√Hz
RIN
Input Resistance
Common Mode
1012
Ω
CIN
Input Capacitance
Differential Mode
Common Mode
f = 100kHz
3.5
2.1
pF
pF
VCM
Input Voltage Range
Guaranteed by CMRR
●
0
3.5
V
CMRR
Common Mode Rejection
0V ≤ VCM ≤ 3.5V
●
74
105
dB
CMRR Match
Channel-to-Channel (Note 5)
●
72
100
dB
PART NUMBER
SPECIFIED TEMP RANGE
SPECIFIED SUPPLY VOLTAGE
PACKAGE
PART MARKING
LTC6244CMS8
0°C to 70°C
3V, 5V
MS8
LTCCM
LTC6244CDD
0°C to 70°C
3V, 5V
DD
LCCF
LTC6244HVCMS8
0°C to 70°C
3V, 5V, ±5V
MS8
LTCGF
LTC6244HVCDD
0°C to 70°C
3V, 5V, ±5V
DD
LCGD
LTC6244IMS8
–40°C to 85°C
3V, 5V
MS8
LTCCM
LTC6244IDD
–40°C to 85°C
3V, 5V
DD
LCCF
LTC6244HVIMS8
–40°C to 85°C
3V, 5V, ±5V
MS8
LTCGF
LTC6244HVIDD
–40°C to 85°C
3V, 5V, ±5V
DD
LCGD
LTC6244HMS8
–40°C to 125°C
3V, 5V
MS8
LTCCM
AVAILABLE OPTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com