Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT25LC512 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT25LC512
Description  CMOS 64K x 8-Bit SPI Serial OTP EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT25LC512 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT25LC512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
Description
1
CS
Chip select
2
SO
Serial Output
3
VPP
Program voltage supply
4
GND
Negative power supply, ground
5
SI
Serial input
6
SCK
Serial clock
7
HOLD
Suspends serial input
8
VCC
Positive power supply
Absolute Maximum Rating
Operation Temperature Commercial ..........................................................................................................0°C to +70°C
Storage Temperature.............................................................................................................................-65°C to 125 °C
Applied VCC Voltage with Respect to VSS ................................................................................................-0.6V to 7.0V
Applied Voltage on Input Pin with Respect to VSS .....................................................................................-0.6V to 7.0V
Applied Voltage on Output Pin with Respect to VSS ......................................................................... -0.6V to VCC+0.5V
Applied VPP Voltage with Respect to VSS...............................................................................................-0.6V to 13.5V
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=0°C to +70°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
Read operation
VCC
Supply Voltage
¾
¾
2.7
¾
3.6
V
VIL
Input Low Voltage
¾
¾
-0.5
¾
0.2VCC
V
VIH
Input High Voltage
¾
¾
0.7VCC
¾
VCC+0.5
V
VOL
Output Low Voltage
2.7V~
3.6V
IOL=0.15mA;
2.7V£ VCC£ 3.6V
¾
¾
0.2
V
VOH
Output High Voltage
2.7V~
3.6V
IOH=-100mA
VCC-0.2
¾
¾
V
HT25LC512
Rev. 1.00
2
June 14, 2004
1
2
3
4
8
7
6
5
C
S
S
O
V
P
P
G
N
D
V
C
C
H
O
L
D
S
C
K
S
I
H
T
2
5
L
C
5
1
2
8
S
O
P
- A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com