Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2PP326AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2PP326AI
Description  2 x 2 Clock and Data Switch Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2PP326AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2PP326AI Datasheet HTML 1Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 2Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 3Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 4Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 5Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 6Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 7Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 8Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FastEdge™ Series
CY2PP326
Document #: 38-07506 Rev.*D
Page 2 of 9
Governing Agencies
The following agencies provide specifications that apply to the
CY2PP326. The agency name and relevant specification is
listed below in Table 3.
Pin Definitions
Pin
Name
I/O[1]
Type[2]
Description
19,3
SEL0,SEL1
I
LVCMOS
Clock/Data Switch Select.
22,6
OEA#,OEB#
I
LVCMOS
Output Enable.
21,4
CLK(0:1)
I,PD
ECL/PECL True Differential Inputs.
20,5
CLK(0:1)#
I,PD/PU
ECL/PECL Complement Differential Inputs.
31,28,25
32,29,26
QA(0:2)
QA(0:2)#
O
ECL/PECL Differential Outputs – Bank A.
10,13,16
9,12,15
QB(0:2)
QB(0:2)#
O
ECL/PECL Differential Outputs – Bank B.
2,7,18,23,
VEE
–PWR
GND
Negative Power Supply.
1,8,11,14,17,24,27,30
VCC
+PWR
POWER
Positive Power Supply.
Table 1. Function Table
Control
Default
0
1
OAE#
0
QA(0–2), QX(0–2)# are active. Deassertion of OE#
can be asynchronous to the reference clock without
generation of output runt pulses.
QA(0–2)= L, QX(0–2)# = H. Assertion of OE# can
be asynchronous to the reference clock without
generation of output runt pulses.
OEB#
0
QA(0–2), QX(0–2)are active. Deassertion of OE#
can be asynchronous to the reference clock without
generation of output runt pulses.
QA(0–2)= L, QX(0–2)# = H. Assertion of OE# can
be asynchronous to the reference clock without
generation of output runt pulses.
SEL0,SEL1
00
See Table 2
Table 2. Clock Select Control
SEL0
SEL1
CLK0 Routed to
CLK1 Routed to
Application Mode
0
0
QA(0:2) and QB(0:2)
–
1:6 fanout of CLK0
0
1
–
QA(0:2) and QB(0:2)
1:6 fanout of CLK1
1
0
QA(0:2)
QB(0:2)
Dual 1:3 buffer
1
1
QB(0:2)
QA(0:2)
Dual 1:3 buffer crossed
Table 3.
Agency Name
Specification
JEDEC
JESD 020B (MSL)
JESD 51 (Theta JA)
JESD 8–2 (ECL)
JESD 65–B (skew,jitter)
Mil-Spec
883E Method 1012.1 (Thermal Theta JC)
Notes:
1. In the I/O column, the following notation is used: I for Input, O for Output, PD for Pull-Down, PU for Pull-Up, and PWR for Power
2. In ECL mode (negative power supply mode), VEE is either –3.3V or –2.5V and VCC is connected to GND (0V). In PECL mode (positive power supply mode),
VEE is connected to GND (0V) and VCC is either +3.3V or +2.5V. In both modes, the input and output levels are referenced to the most positive supply (VCC)
and are between VCC and VEE.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com