Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1963GSTR Datasheet(PDF) 2 Page - Littelfuse

Part # CPC1963GSTR
Description  AC Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1963GSTR Datasheet(HTML) 2 Page - Littelfuse

  CPC1963GSTR Datasheet HTML 1Page - Littelfuse CPC1963GSTR Datasheet HTML 2Page - Littelfuse CPC1963GSTR Datasheet HTML 3Page - Littelfuse CPC1963GSTR Datasheet HTML 4Page - Littelfuse CPC1963GSTR Datasheet HTML 5Page - Littelfuse CPC1963GSTR Datasheet HTML 6Page - Littelfuse CPC1963GSTR Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R08
CPC1963
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Typical values are characteristic of the device at +25°C,
and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of
the manufacturing testing requirements.
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC
Parameter
Ratings
Units
Blocking Voltage
600
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation 1
150
mW
Total Package Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Operating Voltage Range
V
T
-
20
-
260
V
rms
Load Current, Continuous
V
L=120Vrms
I
L
0.005
-
0.5
A
rms
Off State Leakage Current
V = 600V
I
LEAK
--
1
mA
On-State Voltage Drop
I
L=500 mArms
V
ON
-
-
1.4
V
rms
Critical Rate of Rise 3
-
dV/dt
1000
-
-
V/µs
Switching Speeds
Turn-on
I
F=5 mA
t
on
-
-
0.5
cycles
Turn-off
t
off
-
-
0.5
Zero-Cross Turn-On Voltage 1
1st half-cycle
-
2
10
V
Subsequent half-cycle
-
-
1
-
Operating Frequency
-
20
-
500
Hz
Load Power Factor for Guaranteed Turn-On 2
-
PF
0.25
-
-
-
Input Characteristics
Input Control Current to Activate 4
-I
F
-
0.23
5
mA
Input Drop-out Voltage
-
0.8
-
-
V
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Input to Output Capacitance
V
IO=0V, f=1MHz
C
IO
-3
-
pF
1 Zero Cross 1st half-cycle @ <100Hz
2 Snubber circuits may be required at low power factors.
3 Tested in accordance with EIA/NARM standard RS-443.
4 For high noise environments use at least 10mA LED drive current.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com