Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4364ESA/V+T Datasheet(PDF) 13 Page - Analog Devices

Part # MAX4364ESA/V+T
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4364ESA/V+T Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX4364ESA/V+T Datasheet HTML 6Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 7Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 8Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 9Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 10Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 11Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 12Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 13Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Package Information
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND
PATTERN NO.
8 SO
S8+19F
21-0041
90-0096
8 μMAX
U8+1
21-0036
90-0092
8 TDFN
T833+2
21-0137
90-0059
MAX4364/MAX4365
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com