Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCC76X Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # TCC76X
Description  32-bit RISC Microprocessor For Digital Media Player
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCC76X Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button TCC76X Datasheet HTML 35Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 36Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 37Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 38Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 39Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 40Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 41Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 42Page - List of Unclassifed Manufacturers TCC76X Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 259 page
background image
TCC76x
Specification Rev. 0.07
February 23, 2005
32-bit RISC Microprocessor for Digital Media Player
INTRODUCTION
Preliminary
1-29
Signal Name
Shared Signal
Ball
Type Description – TCC767
GPIO_B[21] / BM[0]
BCLK
M11
I/O
GPIO_B[21] / Boot Mode bit 0 / I2S Interface BCLK.
The status of BM[2:0] is latched at the rising edge of nRESET and
used to determine the system boot mode. Refer to sections
“BOOTING PROCEDURE” and “MEMORY CONTROLLER” for
detailed description on BM[2:0].
GPIO_B[9]
UT_RX
L10
I/O
GPIO_B[9 ] / UART RX Signal
GPIO_B[8]
UT_TX / SD_nCS
L11
I/O
GPIO_B[8] / UARTTX Signal / DDR SDRAM Chip Select
GPIO_B[7]
N11
I/O
GPIO_B[7]
GPIO_B[5]
nCS[3]
M7
I/O
GPIO_B[5] / External Chip Select 3
GPIO_B[4]
nCS[2]
R2
I/O
GPIO_B[4] / External Chip Select 2
GPIO_B[3]
nCS[1]
M3
I/O
GPIO_B[3] / External Chip Select 1
GPIO_B[2]
nCS[0]
N1
I/O
GPIO_B[2] / External Chip Select 0
GPIO_B[1]
SD_nCS / SD_nCLK
P2
I/O
GPIO_B[1] / Chip select for SDRAM / Inverted Clock for DDR
SDRAM.
GPIO_B[0]
SD_CKE
M10
I/O
GPIO_B[0] / SDRAM clock control
GPIO_D[17]
FGPIO[10] / SCL
E12
I/O
GPIO_D[17] / Fast GPIO bit 10 / I2C SCL
GPIO_D[16]
FGPIO[9] / SDA
C14
I/O
GPIO_D[16] / Fast GPIO bit 9 / I2C SDA
GPIO_D[15]
FGPIO[8]
B15
I/O
GPIO_D[15] / Fast GPIO bit 8
ADC Input Pins
ADIN0
F14
AI
General purpose multi-channelADC input 0
ADIN2
G13
AI
General purpose multi-channelADC input 2
ADIN4
E15
AI
General purpose multi-channelADC input 4
Clock Pins
XIN
K12
I
Main Crystal Oscillator Input for PLL. Input voltage must
not exceed VDD_OSC (1.95V max).
XOUT
K11
O
Main Crystal Oscillator Output for PLL
XFILT
G14
AO
PLL filter output
XTIN
L13
I
Sub Crystal Oscillator Input. 32.768kHz is recommended.
Input voltage must not exceed VDD_OSC (1.95V max).
XTOUT
M14
O
Sub Crystal Oscillator Output
XSCI
C2
I
Crystal Oscillator Input for USB 2.0
XSCO
B2
O
Crystal Oscillator Output for USB 2.0
JTAG Interface Pins
TDI
D11
I
JTAG serial data input for ARM940T
TMS
C10
I
JTAG test mode select for ARM940T
TCK
B11
I
JTAG test clock for ARM940T
TDO
A12
I/O
JTAG serial data output for ARM940T. External pull-up resistor
is required to prevent floating during normal operation.
nTRST
D10
I
JTAG reset signal for ARM940T. Active low.
Mode Control Pins
MODE1
C13
I
Mode Setting Input 1. Used for programming internal NOR
flash. Pull-down for normal operation.
PKG
F11
I
Package ID. Pull-up for normal operation.
nRESET
J11
I
System Reset. Active low.
USB 2.0 Interface Pins
DMRS
E2
I/O
USB 1.1 D- signal.
Connect to external series resistor (39Ω±1%).
DPRS
F4
I/O
USB 1.1 D+ signal.
Connect to external series resistor (39Ω±1%).
DM
C3
I/O
USB 2.0 D- signal.
DP
C1
I/O
USB 2.0 D+ signal.
RREF
B4
I
Connect external reference resistor (12.1kΩ±1%) to
ground (VSS_U20).
RPU
D1
I
Connect external pull-up resistor(1.5kΩ±1%) to USB 2.0
analog power (VDDA_U20).
MS & MSPRO Interface Pins
MS_CLK
L2
O
MS/MSPRO Serial protocol Clock signal.
MS_BS
M2
I/O
MS/MSPRO Serial protocol Bus State signal.
MS_D[3]
M1
I/O
MS/MSPRO Data Line [3]
MS_D[2]
L3
I/O
MS/MSPRO Data Line [2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com