Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP65H030G4PRS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # TP65H030G4PRS
Description  650V SuperGaN® GaN FET in TOLT (source tab)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TP65H030G4PRS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button TP65H030G4PRS Datasheet HTML 9Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 10Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 11Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 12Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 13Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 14Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 15Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 16Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TP65H030G4PRS Datasheet
R07DS1602EU0201 Rev.2.01
Dec 2, 2025
Page 13
A. ECAD Design Information
This information supports the development of the PCB ECAD model for this device. It is intended to be used by
PCB designers.
A.1
Part Number Indexing
This information supports the development of the PCB ECAD model for this device. It is intended to be used by
PCB designers.
Orderable Part Number
Number of Pins
Package Type
Package Code/POD Number
TP65H030G4PRS
16
TOLT
TN0016AA/PSC-5184-01
A.2
Symbol Pin Information
A.2.1
16-TOLT
Pin Number
Primary Pin Name
Primary Electrical Type
Alternate Pin Name(s)
1
D
Passive
-
2
D
Passive
-
3
D
Passive
-
4
D
Passive
-
5
D
Passive
-
6
D
Passive
-
7
D
Passive
-
8
D
Passive
-
9
G
Passive
-
10
KS
Passive
-
11
S
Passive
-
12
S
Passive
-
13
S
Passive
-
14
S
Passive
-
15
S
Passive
-
16
S
Passive
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com