Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7B951-SC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7B951-SC
Description  Local Area Network ATM Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B951-SC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7B951-SC Datasheet HTML 2Page - Cypress Semiconductor CY7B951-SC Datasheet HTML 3Page - Cypress Semiconductor CY7B951-SC Datasheet HTML 4Page - Cypress Semiconductor CY7B951-SC Datasheet HTML 5Page - Cypress Semiconductor CY7B951-SC Datasheet HTML 6Page - Cypress Semiconductor CY7B951-SC Datasheet HTML 7Page - Cypress Semiconductor CY7B951-SC Datasheet HTML 8Page - Cypress Semiconductor CY7B951-SC Datasheet HTML 9Page - Cypress Semiconductor CY7B951-SC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY7B951
Document Number: 38-02010 Rev. *A
Page 9 of 10
© Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
SUNI is a trademark of PMC-Sierra, Incorporated. All products and company names mentioned in this document may be the
trademarks of their respective holders.
Package Diagram
Figure 3. 24-Lead (300-Mil) SOIC S24.3/SZ24.3
PIN 1 ID
SEATING PLANE
0.597[15.163]
0.615[15.621]
1
12
13
24
*
*
*
0.291[7.391]
0.300[7.620]
0.394[10.007]
0.419[10.642]
0.050[1.270]
TYP.
0.092[2.336]
0.105[2.667]
0.004[0.101]
0.0118[0.299]
0.0091[0.231]
0.0125[0.317]
0.015[0.381]
0.050[1.270]
0.013[0.330]
0.019[0.482]
0.026[0.660]
0.032[0.812]
0.004[0.101]
PART #
S24.3 STANDARD PKG.
SZ24.3 LEAD FREE PKG.
MIN.
MAX.
NOTE :
1. JEDEC STD REF MO-119
2. BODY LENGTH DIMENSION DOES NOT INCLUDE MOLD PROTRUSION/END FLASH,BUT
MOLD PROTRUSION/END FLASH SHALL NOT EXCEED 0.010 in (0.254 mm) PER SIDE
3. DIMENSIONS IN INCHES
4. PACKAGE WEIGHT 0.65gms
DOES INCLUDE MOLD MISMATCH AND ARE MEASURED AT THE MOLD PARTING LINE.
51-85025-*C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com