Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7B995AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7B995AI
Description  2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B995AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7B995AI Datasheet HTML 1Page - Cypress Semiconductor CY7B995AI Datasheet HTML 2Page - Cypress Semiconductor CY7B995AI Datasheet HTML 3Page - Cypress Semiconductor CY7B995AI Datasheet HTML 4Page - Cypress Semiconductor CY7B995AI Datasheet HTML 5Page - Cypress Semiconductor CY7B995AI Datasheet HTML 6Page - Cypress Semiconductor CY7B995AI Datasheet HTML 7Page - Cypress Semiconductor CY7B995AI Datasheet HTML 8Page - Cypress Semiconductor CY7B995AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RoboClock®, CY7B995
Document #: 38-07337 Rev. *D
Page 2 of 13
Pinouts
Figure 1. Pin Diagram - 44 Pin TQFP Package Top view
CY7B995
33
32
31
30
29
28
27
26
25
24
23
1F0
DS1
DS0
LOCK
VDDQ1
VDDQ1
1Q0
1Q1
VSS
VSS
VSS
44 43 42 41 40 39 38 37 36 35 34
1
2
3
4
5
6
7
8
9
10
11
4F1
sOE#
PD#/DIV
PE/HD
VDDQ4
4Q1
4Q0
VSS
VSS
VSS
VDDQ4
12 13 14 15 16 17 18 19 20 21 22
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com