Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MON543030 Datasheet(PDF) 1 Page - Glamox

Part # MON543030
Description  MONITOR2 GR E1/ST SIGN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

MON543030 Datasheet(HTML) 1 Page - Glamox

  MON543030 Datasheet HTML 1Page - Glamox MON543030 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2/3/2026
The Company reserves the right to change any product specifications without prior notification.
1/2
MONITOR2 GR E1/ST SIGN
E1 / ST means that this item has a built-in emergency light
for minimum 1 hour duration. It tests itself according to
European emergency light standards. Indicator LEDs on the
product communicate the test results.
Item No.
MON543030
GTIN
5901155430306
Stock status code
A
Technical specifications
Mounting
Product Mounting
Ceiling surface;Wall surface
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
1.2
Number Of Luminaire MCB 10B
60
Number Of Luminaire MCB 16B
80
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
40
IP classification
40
Light Technical Data
Light source
LED
Lamp colour temp (K)
5700
Colour Rendering Index
>70
Light Distribution Up %
0
Light Distribution Down %
100
MacAdam step
3
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
M-NM: Maintained/Non-Maintained
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
LED Lifetime L80B50 Ta25 (h)
50 000
Emergency
Emergency Type
ST = Self test
Duration (hrs)
1
Charging power consumption (Emg) (W)
1.5
Reading distance sign (m)
30
Battery Type
NiCd
Battery Form
Stick
Battery mAh
800
Battery Voltage (V)
4.8
Battery Sparepart No
SP-MY-413-BD84X1Z
Battery Termination
NS39
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
GR - Grey
Main Body Colour Name
Grey
Dimensions
Length (mm)
340
Width (mm)
32
Height (mm)
285
Item Net Weight (kg)
0.8004
Logistic Data
Item Gross Weight (kg)
0.87


Similar Part No. - MON543030

ManufacturerPart #DatasheetDescription
logo
Glamox
MON543024 GLAMOX-MON543024 Datasheet
184Kb / 2P
MONITOR2 GR E1/S SIGN
MON543046 GLAMOX-MON543046 Datasheet
180Kb / 2P
MONITOR2 GR E/Z SIGN
More results

Similar Description - MON543030

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9079 MITEL-MT9079 Datasheet
567Kb / 54P
CMOS ST-BUS??FAMILY Advanced Controller for E1
logo
Adam Technologies, Inc.
125CH-D-XX ADAM-TECH-125CH-D-XX Datasheet
77Kb / 1P
CRIMP HOUSING SIGN ROW
logo
Sharma Electro Componen...
GR SHARMA-GR Datasheet
348Kb / 2P
GR Series
logo
PHOENIX CONTACT
1408355 PHOENIX-1408355 Datasheet
54Kb / 2P
Housing - HC-COM-K-AML-GR
1418247 PHOENIX-1418247 Datasheet
46Kb / 1P
HC-D 7-AMLR-24/GR
1874701 PHOENIX-1874701 Datasheet
80Kb / 5P
Base strip - MDSTBA 2,5/ 3-GR
1959257 PHOENIX-1959257 Datasheet
130Kb / 4P
CCA 2,5/ 7-GR-5,08P26THR
1959273 PHOENIX-1959273 Datasheet
130Kb / 4P
CCA 2,5/ 9-GR-5,08P26THR
logo
HARTING Technology Grou...
09-00-000-5340 HARTING-09-00-000-5340 Datasheet
459Kb / 2P
ZUGENTLASTUNGSSCHELLE-GR F.KON
2021-10-01
logo
PHOENIX CONTACT
2903384 PHOENIX-2903384 Datasheet
57Kb / 3P
Fuse - FUSE-10X38-20A-GR
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com