Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7B995AXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7B995AXC
Description  2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B995AXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7B995AXC Datasheet HTML 5Page - Cypress Semiconductor CY7B995AXC Datasheet HTML 6Page - Cypress Semiconductor CY7B995AXC Datasheet HTML 7Page - Cypress Semiconductor CY7B995AXC Datasheet HTML 8Page - Cypress Semiconductor CY7B995AXC Datasheet HTML 9Page - Cypress Semiconductor CY7B995AXC Datasheet HTML 10Page - Cypress Semiconductor CY7B995AXC Datasheet HTML 11Page - Cypress Semiconductor CY7B995AXC Datasheet HTML 12Page - Cypress Semiconductor CY7B995AXC Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RoboClock®, CY7B995
Document #: 38-07337 Rev. *D
Page 9 of 13
AC Timing Definitions
Figure 2. Timing Definition
With PE HIGH (LOW), the REF rising (falling) edges are aligned
to the FB rising (falling) edges. Also, when PE is HIGH (LOW),
all divided outputs’ rising (falling) edges are aligned to the rising
(falling)
edges
of
the
undivided,
non-inverted
outputs.
Regardless of PE setting, divide-by-4 outputs’, rising edges align
to the divide-by-2 outputs’ rising edges.
In cases where a non-divided output is connected to the FB input
pin, the divided output rising edges can be either 0 or 180
degrees phase aligned to the REF input rising edges (as set
randomly at power-up). If the divided outputs are required as
rising-edge (falling-edge) aligned to the REF input’s rising
(falling) edge, set the PE pin HIGH (LOW) and connect the
lowest frequency divided output to the FB input pin. This setup
provides a consistent input-output and output-output phase
relationship.
t
REF
t
0DCV
t
0DCV
t
PD
t
CCJ1-12
t
SKEWPR
t
SKEW0,1
t
SKEWPR
t
SKEW0,1
t
SKEW1
t
SKEW1
t
SKEW3
t
SKEW3
t
SKEW3
t
SKEW1,3,4
t
SKEW1,3,4
t
PWH
t
PWL
REF
FB
Q
OTHER Q
INVERTED Q
DIVIDE BY 2 OUTPUT
DIVIDE BY 4 OUTPUT
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com